Electronic Components Datasheet Search
  English  ▼

X  

AS3900 Datasheet(PDF) 11 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 11 Page - ams AG

Back Button AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
11 - 59
AS3900
Data Sheet - Electrical Characteristics
6.1.5
Table 8. Transmitter TX
Symbol
Parameter
Condition
Min
Typ
Max
Units
Transmitter TX
6.1.6
Table 9. Wakeup RX
Symbol
Parameter
Condition
Min
Typ
Max
Units
Wakeup RX
6.1.7
Table 10. RTC Crystal Oscillator 32.768 kHz
Symbol
Parameter
Condition
Min
Typ
Max
Units
RTC Crystal Oscillator 32.768 kHz
6.1.8
Table 11. XREF Crystal Oscillator 27 MHz
Symbol
Parameter
Condition
Min
Typ
Max
Units
XREF Crystal Oscillator 27 MHz
TX linear output power
Power delivered to the matching network
including antenna
10
dBm
5dBm
0dBm
Current Consumption
ITX
Current consumption
No power delivered to antenna
1.6
2.3
2.9
mA
ITX10
Operation current consumption
10 dBm power delivered to matching
network @ 420
Ω
7.6
mA
Harmonic Level
With Evaluation Board (including PCB
antenna)
Meets:
ETSI EN 300 220-1 v1.3.1 Sept. 2001
FCC CFR47 Section 15.227, May 2007
Sensitivity @ 96kbps On Off
Keying
420
Ω seen by Wakeup receiver input
30
µVrms
Maximum Input Signal
10
mVrms
Antenna impedance
With external matching network
420
Ω
Current consumption
1.8
2.5
3.3
mA
Crystal accuracy
(initial)
Overall accuracy
±120
p.p.m.
Frequency
32.768
kHz
Start-up Time
Crystal dependent
200
ms
Duty cycle
Depends on XTAL properties
45
50
55
%
Current consumption
600
nA
Crystal accuracy
(initial + temp + ageing)
±120
p.p.m.
Frequency
27.12
MHz
Duty cycle
45
50
55
%
Start-up time
22 clock cycles of 32kHz XTAL
671
µs
Current consumption
Crystal and Pulling Capacitor dependent
340
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com