Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 177 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 177 Page - NEC

Back Button VR4102 Datasheet HTML 173Page - NEC VR4102 Datasheet HTML 174Page - NEC VR4102 Datasheet HTML 175Page - NEC VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC VR4102 Datasheet HTML 178Page - NEC VR4102 Datasheet HTML 179Page - NEC VR4102 Datasheet HTML 180Page - NEC VR4102 Datasheet HTML 181Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
177
6.4.4 Cold Reset Exception
Cause
The Cold Reset exception occurs when the ColdReset# signal (internal) is asserted and then deasserted. This
exception is not maskable. The Reset# signal (internal) must be asserted along with the ColdReset# signal (for
details, see Chapter 7).
Processing
The CPU provides a special interrupt vector for this exception:
0xBFC0 0000 (virtual) in 32-bit mode
0xFFFF FFFF BFC0 0000 (virtual) in 64-bit mode
The Cold Reset vector resides in unmapped and uncached CPU address space, so the hardware need not
initialize the TLB or the cache to process this exception. It also means the processor can fetch and execute
instructions while the caches and virtual memory are in an undefined state.
The contents of all registers in the CPU are undefined when this exception occurs, except for the following
register fields:
When ERL bit of the Status register is 0, the program counter’s value at the exception occurrence is saved
to the EPC register.
TS and SR of the Status register are cleared to 0.
ERL and BEV of the Status register are set to 1.
The Random register is initialized to the value of its upper bound (31) (refer to 5.4.2 Random Register (1)).
The Wired register is initialized to 0.
Bits 31 to 28 of the Config register are set to 0, and bits 22 to 3 to 0x04800.
All other bits are undefined.
Servicing
The Cold Reset exception is serviced by:
Initializing all processor registers, coprocessor registers, TLB, caches, and the memory system
Performing diagnostic tests
Bootstrapping the operating system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com