Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 179 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 179 Page - NEC

Back Button VR4102 Datasheet HTML 175Page - NEC VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC VR4102 Datasheet HTML 178Page - NEC VR4102 Datasheet HTML 179Page - NEC VR4102 Datasheet HTML 180Page - NEC VR4102 Datasheet HTML 181Page - NEC VR4102 Datasheet HTML 182Page - NEC VR4102 Datasheet HTML 183Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
179
6.4.6 NMI Exception
Cause
The Nonmaskable Interrupt (NMI) exception occurs in response to the input of the NMI signal (internal). This
interrupt is not maskable; it occurs regardless of the settings of the EXL, ERL, and the IE bits in the Status
register (for details, see Chapters 9 and 14).
Processing
The CPU provides a special interrupt vector for this exception:
4 0xBFC0 0000 (virtual) in 32-bit mode
4 0xFFFF FFFF BFC0 0000 (virtual) in 64-bit mode
This vector is located within unmapped and uncached address space so that the cache and TLB need not be
initialized to process an NMI interrupt. The SR bit of the Status register is set to 1 to distinguish this exception
from a Cold Reset exception.
Unlike Cold Reset and Soft Reset, but like other exceptions, NMI is taken only at instruction boundaries. The
states of the caches and memory system are preserved by this exception.
When this exception occurs, the contents of all registers are preserved except for the following registers:
4 When ERL bit of the Status register is 0, the program counter’s value at the exception occurrence is saved
to the EPC register.
4 The TS bit of the Status register is cleared to 0.
4 The ERL, SR, and BEV bits of the Status register are set to 1.
Servicing
The NMI exception is serviced by:
4 Preserving the current processor states for diagnostic tests
4 Reinitializing the system in the same way as for a Cold Reset exception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com