Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 180 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 180 Page - NEC

Back Button VR4102 Datasheet HTML 176Page - NEC VR4102 Datasheet HTML 177Page - NEC VR4102 Datasheet HTML 178Page - NEC VR4102 Datasheet HTML 179Page - NEC VR4102 Datasheet HTML 180Page - NEC VR4102 Datasheet HTML 181Page - NEC VR4102 Datasheet HTML 182Page - NEC VR4102 Datasheet HTML 183Page - NEC VR4102 Datasheet HTML 184Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 701 page
background image
CHAPTER 6 EXCEPTION PROCESSING
180
6.4.7 Address Error Exception
Cause
The Address Error exception occurs when an attempt is made to execute one of the following. This exception is
not maskable.
Execution of the LW, LWU, SW, or CACHE instruction for word data that is not located on a word boundary
Execution of the LH, LHU, or SH instruction for half-word data that is not located on a half-word boundary
Execution the LD or SD instruction for double-word data that is not located on a double-word boundary
Referencing the kernel address space in User or Supervisor mode
Referencing the supervisor space in User mode
Referencing an address that does not exist in the kernel, user, or supervisor address space in 64-bit Kernel,
User, or Supervisor mode
Branching to an address that is not located on a word boundary
Processing
The common exception vector is used for this exception. The AdEL or AdES code in the Cause register is set. If
this exception has been caused by an instruction reference or load operation, AdEL is set. If it has been caused
by a store operation, AdES is set.
When this exception occurs, the BadVAddr register stores the virtual address that was not properly aligned or
was referenced in protected address space. The contents of the VPN field of the Context and EntryHi registers
are undefined, as are the contents of the EntryLo register.
The EPC register contains the address of the instruction that caused the exception, unless this instruction is in a
branch delay slot. If it is in a branch delay slot, the EPC register contains the address of the preceding branch
instruction and the BD bit of the Cause register is set to 1.
Servicing
The kernel reports the UNIX
TM SIGSEGV (segmentation violation) signal to the current process, and this exception
is usually fatal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com