Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 214 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 214 Page - NEC

Back Button VR4102 Datasheet HTML 210Page - NEC VR4102 Datasheet HTML 211Page - NEC VR4102 Datasheet HTML 212Page - NEC VR4102 Datasheet HTML 213Page - NEC VR4102 Datasheet HTML 214Page - NEC VR4102 Datasheet HTML 215Page - NEC VR4102 Datasheet HTML 216Page - NEC VR4102 Datasheet HTML 217Page - NEC VR4102 Datasheet HTML 218Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 701 page
background image
CHAPTER 8 CACHE MEMORY
214
The VR4100 CPU core has two on-chip caches: one holds instructions (the instruction cache), the other holds
data (the data cache). The instruction and data caches can be read in one PClock cycle.
Data writes are pipelined and can complete at a rate of one per PClock cycle. In the first stage of the cycle, the
store address is translated and the tag is checked; in the second stage, the data is written into the data RAM.
8.2 CACHE ORGANIZATION
This section describes the organization of the on-chip data and instruction caches. Figure 8-2 provides a block
diagram of the VR4100 CPU core cache and memory model.
Figure 8-2. Cache Support
VR4100 CPU core
Cache controller
I-cache
D-cache
Caches
Main memory
I-cache:
Instruction cache
D-cache: Data cache
(1) Cache Line Lengths
A cache line is the smallest unit of information that can be fetched from main memory for the cache, and that is
represented by a single tag.
The line size for the instruction/data cache is 4 words (16 bytes).
For cache tag, refer to 8.2.1 and 8.2.1.
(2) Cache Sizes
The instruction cache in the VR4100 CPU core is 4 Kbytes; the data cache is 1 Kbytes.
8.2.1 Organization of the Instruction Cache (I-Cache)
Each line of I-cache data (although it is actually an instruction, it is referred to as data to distinguish it from its tag)
has an associated 24-bit tag that contains a 22-bit physical address, a single Valid bit, and a single Parity bit. Word
parity is used on I-cache data (1 bit of parity per word).
The VR4100 CPU core I-cache has the following characteristics:
— direct-mapped
— indexed with a virtual address
— checked with a physical tag
— organized with a 4-word (16-byte) cache line.
Figure 8-3 shows the format of a 4-word (16-byte) I-cache line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com