Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 319 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 319 Page - NEC

Back Button VR4102 Datasheet HTML 315Page - NEC VR4102 Datasheet HTML 316Page - NEC VR4102 Datasheet HTML 317Page - NEC VR4102 Datasheet HTML 318Page - NEC VR4102 Datasheet HTML 319Page - NEC VR4102 Datasheet HTML 320Page - NEC VR4102 Datasheet HTML 321Page - NEC VR4102 Datasheet HTML 322Page - NEC VR4102 Datasheet HTML 323Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 701 page
background image
319
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
This chapter describes the PMU’s operation and register settings.
15.1 GENERAL
The PMU performs power management within the VR4102 and controls the power supply throughout the system
which includes the VR4102.
• Reset control
• Shutdown control
• Power-on control
• Low-power mode control
The PMU also performs settings to use the GPIO[12:9], GPIO[3:0] signals as a start-up factor.
15.1.1 Reset Control
The operations of the RTC, peripheral units, CPU core, and PMUINTREG bit settings during a reset are listed
below.
Table 15-1. Bit Operations during Reset
Reset type
RTC
Peripheral units
CPU core
PMUINTREG
RTC reset
Reset
Reset
Cold reset
RTCRST=1
RSTSW reset
Active
Reset
Cold reset
RSTSW=1
(1) RTC reset
When the RTCRST# signal is asserted, the PMU resets all peripheral units including the RTC unit. It also asserts
the ccoldresetb and creset signals (internal) and resets the CPU core.
In addition, the RTCRST bit in PMUINTREG is set (to “1”). After the CPU is restarted, the RTCRST bit must be
checked and cleared (to “0”) by software.
(2) RSTSW reset
When the RSTSW# signal is asserted, the PMU resets all peripheral units except for RTC and PMU. Next, it
asserts the ccoldresetb and creset signals (internal) and resets the CPU core.
In addition, the RSTSW bit in PMUINTREG is set (to “1”). After the CPU is restarted, the RSTSW bit must be
checked and cleared (to “0”) by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com