Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 322 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 322 Page - NEC

Back Button VR4102 Datasheet HTML 318Page - NEC VR4102 Datasheet HTML 319Page - NEC VR4102 Datasheet HTML 320Page - NEC VR4102 Datasheet HTML 321Page - NEC VR4102 Datasheet HTML 322Page - NEC VR4102 Datasheet HTML 323Page - NEC VR4102 Datasheet HTML 324Page - NEC VR4102 Datasheet HTML 325Page - NEC VR4102 Datasheet HTML 326Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
322
(2) Activation via GPIO Activation Interrupt
When the GPIO[12:9], GPIO[3..0] signal is asserted, the PMU checks the GPIO[12:9], GPIO[3..0]’s activation
interrupt enable bit. If GPIO[12:9], GPIO[3..0] activation interrupts are enabled, the PMU asserts the POWERON
signal and provides external notification that the CPU is being activated (since the GPIO[12:9], GPIO[2..0] activation
enable interrupt bit is cleared after an RTC is reset, the GPIO[12:9], GPIO[2..0] signal cannot be used for activation
immediately after an RTC reset. However, activation can occur at the falling edge of the GPIO[3] signal immediately
after an RTC reset for GPIO[3] only).
The PMU asserts the POWERON signal, then checks the BATTINH/
BATTINT# signal and de-asserts the POWERON signal.
When the BATTINH/BATTINT# signal is high (“1”), the PMU cancels peripheral unit reset, then starts the Cold
Reset sequence to activate the CPU core.
When the BATTINH/BATTINT# signal is low (“0”), the PMU sets “1” to PMUINTREG’s BATTINH bit and then
performs another shutdown. After the CPU is restarted, the BATTINH bit must be checked and cleared (to “0”) by
software.
The CPU sets “1” to the corresponding GPIOINTR bit in the PMUINTREG regardless of whether activation
succeeds or fails.
Figure 15-3. Activation via GPIO Activation Interrupt (BATTINH/BATTINT# = 1)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
GPIO[12:9]/
GPIO[3..0](i/o)
RTC(Internal)
H
Figure 15-4. Activation via GPIO Activation Interrupt (BATTINH/BATTINT# = 0)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
GPIO[12:9]/
GPIO[3..0](i/o)
RTC(Internal)
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com