Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 324 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 324 Page - NEC

Back Button VR4102 Datasheet HTML 320Page - NEC VR4102 Datasheet HTML 321Page - NEC VR4102 Datasheet HTML 322Page - NEC VR4102 Datasheet HTML 323Page - NEC VR4102 Datasheet HTML 324Page - NEC VR4102 Datasheet HTML 325Page - NEC VR4102 Datasheet HTML 326Page - NEC VR4102 Datasheet HTML 327Page - NEC VR4102 Datasheet HTML 328Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
324
(4) Activation via Alarm Interrupt
When the alarm interrupt (alarm_intr) signal is asserted, the PMU asserts the POWERON signal and provides
external notification that the CPU is being activated. After asserting the POWERON signal, the PMU checks the
BATTINH/BATTINT# signal and then de-asserts the POWERON signal.
If the BATTINH/BATTINT# signal is high (“1”), the PMU cancels peripheral unit reset, then starts the Cold Reset
sequence to activate the CPU core.
If the BATTINH/BATTINT# signal is low (“0”), the PMU sets “1” to PMUINTREG’s BATTINH bit and then performs
another shutdown. After the CPU is restarted, the BATTINH bit must be checked and cleared (to “0”) by software.
Figure 15-7. Activation via Alarm Interrupt (BATTINH/BATTINT# = 1)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
alarm_intr(Internal)
RTC(Internal)
H
Figure 15-8. Activation via Alarm Interrupt (BATTINH/BATTINT# = 0)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
alarm_intr(Internal)
RTC(Internal)
L
L
15.1.4 Power Mode
The VR4102 supports the following four power modes.
— Fullspeed mode
— Standby mode
— Suspend mode
— Hibernate mode
Figure 15-9 illustrates the transition between the different power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com