Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 323 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 323 Page - NEC

Back Button VR4102 Datasheet HTML 319Page - NEC VR4102 Datasheet HTML 320Page - NEC VR4102 Datasheet HTML 321Page - NEC VR4102 Datasheet HTML 322Page - NEC VR4102 Datasheet HTML 323Page - NEC VR4102 Datasheet HTML 324Page - NEC VR4102 Datasheet HTML 325Page - NEC VR4102 Datasheet HTML 326Page - NEC VR4102 Datasheet HTML 327Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
323
(3) Activation via DCD Interrupt
When the DCD# signal is asserted, the PMU asserts the POWERON signal and provides external notification that
the CPU is being activated. After asserting the POWERON signal, the PMU checks the BATTINH/BATTINT# signal
and then de-asserts the POWERON signal.
If the BATTINH/BATTINT# signal is high (“1”), the PMU cancels peripheral unit reset, then starts the Cold Reset
sequence to activate the CPU core.
If the BATTINH/BATTINT# signal is low (“0”), the PMU sets “1” to PMUINTREG’s BATTINH bit and then performs
another shutdown. After the CPU is restarted, the BATTINH bit must be checked and cleared (to “0”) by software.
The PMUINTREG’s DCDST bit does not indicate whether a DCD interrupt has occurred but instead reflects the
current status of the DCD# pin.
Caution
While POWERON is active, the PMU cannot recognize changes in the DCD# signal.
If the
DCD# state when POWERON is active is different from the DCD# state when POWERON is
inactive, the change in the DCD# signal is detected only after POWERON is inactive.
However, if the DCD# state when POWERON is active is the same as the DCD# state when
POWERON is inactive, any changes in the DCD# signal that occur while POWERON is active
are not detected.
Figure 15-5. Activation via DCD Interrupt (BATTINH/BATTINT# = 1)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
DCD#(i)
RTC(Internal)
H
Figure 15-6. Activation via DCD Interrupt (BATTINH/BATTINT# = 0)
BATTINH/
BATTINT#(i)
MPOWER(o)
POWERON(o)
DCD#(i)
RTC(Internal)
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com