Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 327 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 327 Page - NEC

Back Button VR4102 Datasheet HTML 323Page - NEC VR4102 Datasheet HTML 324Page - NEC VR4102 Datasheet HTML 325Page - NEC VR4102 Datasheet HTML 326Page - NEC VR4102 Datasheet HTML 327Page - NEC VR4102 Datasheet HTML 328Page - NEC VR4102 Datasheet HTML 329Page - NEC VR4102 Datasheet HTML 330Page - NEC VR4102 Datasheet HTML 331Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
327
(4) Hibernate Mode
In Hibernate mode, all the clocks supplied to internal peripheral units other than RTC/ICU/PMU and to the CPU
core are fixed to high level.
To switch to Hibernate mode from Fullspeed mode, first execute the HIBERNATE instruction. The VR4102 waits
until the SysAD bus (internal) enters idle status after the completion of the WB stage of the HIBERNATE instruction,
DRAM has entered self-refresh mode, and the MPOWER pin has been made inactive. Then, the internal clocks
(including TClock and MasterOut) are shut down, and the pipeline stops. PLL also stops, but RTC continue to
operate.
In Hibernate mode, the processor returns to Fullspeed mode when it is alarmed from the RTC, the power-on
switch is pressed, or DCD# pin is asserted. At this time, the contents of bits indicating the states of pins in the
peripheral unit’s registers and caches in the CPU core are undefined. The contents of other fields are retained.
15.2 REGISTER SET
The PMU registers are listed below.
Table 15-4. PMU Registers
Address
R/W
Register symbols
Function
0x0B00 00A0
R/W
PMUINTREG
PMU Interrupt/Status Register
0x0B00 00A2
R/W
PMUCNTREG
PMU Control Register
0x0B00 00A4
R/W
PMUINT2REG
PMU Interrupt Register 2
0x0B00 00A6
R/W
PMUCNT2REG
PMU Control Register 2
Each register is described in detail below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com