Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 331 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 331 Page - NEC

Back Button VR4102 Datasheet HTML 327Page - NEC VR4102 Datasheet HTML 328Page - NEC VR4102 Datasheet HTML 329Page - NEC VR4102 Datasheet HTML 330Page - NEC VR4102 Datasheet HTML 331Page - NEC VR4102 Datasheet HTML 332Page - NEC VR4102 Datasheet HTML 333Page - NEC VR4102 Datasheet HTML 334Page - NEC VR4102 Datasheet HTML 335Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
331
(2/2)
Bit
Name
Function
D[6..3]
Reserved
Write 0 when writing. 0 is returned after a read.
D[2]
HALTIMERRST
HAL timer reset
1 : Reset
0 : Set
D[1]
Reserved
Write 1 when writing. 1 is returned after a read.
D[0]
Reserved
Write 0 when writing. 0 is returned after a read.
This register is used to set CPU shutdown and overall system management operations.
The HALTIMERRST bit must be reset within about four seconds of activation. Resetting of the HALTIMERRST
bit indicates that the VR4102 itself has been activated normally. If the HALTIMERRST bit is not reset within about
four seconds of activation, program execution is regarded as abnormal (possibly due to a runaway) and an
automatic shutdown is performed.
The GPIO[3..0]MSK bits are used to set enable/prohibit for activation from Hibernate mode when the
corresponding interrupt (GPIO[3..0]) occurs. The GPIO3MSK bit is set to 1 by RTCRST, and the other bits are
cleared to “0” (prohibit). Accordingly, the GPIO[2..0] cannot be used for activation immediately after an RTCRST
reset. The GPIO activation interrupt is valid only when the CPU’s operation mode is Hibernate mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com