Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 330 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 330 Page - NEC

Back Button VR4102 Datasheet HTML 326Page - NEC VR4102 Datasheet HTML 327Page - NEC VR4102 Datasheet HTML 328Page - NEC VR4102 Datasheet HTML 329Page - NEC VR4102 Datasheet HTML 330Page - NEC VR4102 Datasheet HTML 331Page - NEC VR4102 Datasheet HTML 332Page - NEC VR4102 Datasheet HTML 333Page - NEC VR4102 Datasheet HTML 334Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 701 page
background image
CHAPTER 15 PMU (POWER MANAGEMENT UNIT)
330
15.2.2 PMUCNTREG (0x0B00 00A2)
(1/2)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
GPIO3MSK
GPIO2MSK
GPIO1MSK
GPIO0MSK
GPIO3TRG
GPIO2TRG
GPIO1TRG
GPIO0TRG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
0
0
0
1
0
0
0
Other resets
Note
Note
Note
Note
Note
Note
Note
Note
Bit
D7
D6D5
D4D3D2
D1
D0
Name
STANDBY
Reserved
Reserved
Reserved
Reserved
HALTIMER
RST
Reserved
Reserved
R/W
R/W
RR
RR
R/W
R
R
RTCRST
0
0
0
0
0
0
1
0
Other resets
0
0
0
0
0
0
1
0
Bit
Name
Function
D[15]
GPIO3MSK
GPIO[3] activation enable
1 : Enable
0 : Prohibit
D[14]
GPIO2MSK
GPIO[2] activation enable
1 : Enable
0 : Prohibit
D[13]
GPIO1MSK
GPIO[1] activation enable
1 : Enable
0 : Prohibit
D[12]
GPIO0MSK
GPIO[0] activation enable
1 : Enable
0 : Prohibit
D[11]
GPIO3TRG
GPIO[3] activation interrupt type
1 : Falling edge detection
0 : Rising edge detection
D[10]
GPIO2TRG
GPIO[2] activation interrupt type
1 : Falling edge detection
0 : Rising edge detection
D[9]
GPIO1TRG
GPIO[1] activation interrupt type
1 : Falling edge detection
0 : Rising edge detection
D[8]
GPIO0TRG
GPIO[0] activation interrupt type
1 : Falling edge detection
0 : Rising edge detection
D[7]
STANDBY
Standby mode setting. This setting is performed only for software, and does not
affect hardware in any way.
1 : Standby mode
0 : Normal mode
Note
Holds the value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com