Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 569 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 569 Page - NEC

Back Button VR4102 Datasheet HTML 565Page - NEC VR4102 Datasheet HTML 566Page - NEC VR4102 Datasheet HTML 567Page - NEC VR4102 Datasheet HTML 568Page - NEC VR4102 Datasheet HTML 569Page - NEC VR4102 Datasheet HTML 570Page - NEC VR4102 Datasheet HTML 571Page - NEC VR4102 Datasheet HTML 572Page - NEC VR4102 Datasheet HTML 573Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
569
DMADD16 Doubleword Multiply and Add 16-bit integer DMADD16
rs
SPECIAL
0 0 0 0 0 0
rt
0
0 0
0 0 0 0
0 0 0 0
31
26 25
21 20
16 15
0
65
5
10
DMADD16
1 0 1 0 0 1
65
6
Format:
DMADD16 rs, rt
Description:
The contents of general registers
rs and rt are multiplied, treating both operands as 16-bit 2’s complement values.
The operand[62:15] must be valid 15-bit, sign-extended values. If not, the result is unpredictable.
This multiplied result and the 64-bit data joined of special register
LO is added to form the result as a signed
integer. When the operation completes, the doubleword result is loaded into special register
LO.
No integer overflow exception occurs under any circumstances.
This operation is only defined for the VR4102 operating in 64-bit mode. Execution of this instruction in 32-bit user
or supervisor mode causes a reserved instruction exception.
The following table shows hazard cycles between DMADD16 and other instructions.
Instruction sequence
No. of cycles
MULT/MULTU -> DMADD16
1 Cycle
DMULT/DMULTU -> DMADD16
4 Cycles
DIV/DIVU -> DMADD16
36 Cycles
DDIV/DDIVU -> DMADD16
68 Cycles
MFHI/MFLO -> DMADD16
2 Cycles
MADD16 -> DMADD16
0 Cycles
DMADD16 -> DMADD16
0 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com