Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 598 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 598 Page - NEC

Back Button VR4102 Datasheet HTML 594Page - NEC VR4102 Datasheet HTML 595Page - NEC VR4102 Datasheet HTML 596Page - NEC VR4102 Datasheet HTML 597Page - NEC VR4102 Datasheet HTML 598Page - NEC VR4102 Datasheet HTML 599Page - NEC VR4102 Datasheet HTML 600Page - NEC VR4102 Datasheet HTML 601Page - NEC VR4102 Datasheet HTML 602Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 701 page
background image
CHAPTER 27 CPU INSTRUCTION SET DETAILS
598
LDR
Load Doubleword Right
LDR
base
LDR
0 1 1 0 1 1
rt
offset
31
26 25
21 20
16 15
0
65
5
16
Format:
LDR rt, offset (base)
Description:
This instruction can be used in combination with the LDL instruction to load a register with eight consecutive
bytes from memory, when the bytes cross a doubleword boundary. LDR loads the right portion of the register
with the appropriate part of the low-order doubleword; LDL loads the left portion of the register with the
appropriate part of the high-order doubleword.
The LDR instruction adds its sign-extended 16-bit offset to the contents of general register base to form a virtual
address which can specify an arbitrary byte. It reads bytes only from the doubleword in memory which contains
the specified starting byte. From one to eight bytes will be loaded, depending on the starting byte specified.
Conceptually, it starts at the specified byte in memory and loads that byte into the low-order (right-most) byte of
the register; then it loads bytes from memory into the register until it reaches the high-order byte of the
doubleword in memory. The most significant (left-most) byte(s) of the register will not be changed.
address 8
address 0
memory
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
A
B
C
D
E
F
G
H
A
B
C
D
E
7
6
5
before
after
$24
$24
register
LDR $24, 5 ($0)
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com