Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 120Page - Renesas Technology Corp SH7705 Datasheet HTML 121Page - Renesas Technology Corp SH7705 Datasheet HTML 122Page - Renesas Technology Corp SH7705 Datasheet HTML 123Page - Renesas Technology Corp SH7705 Datasheet HTML 124Page - Renesas Technology Corp SH7705 Datasheet HTML 125Page - Renesas Technology Corp SH7705 Datasheet HTML 126Page - Renesas Technology Corp SH7705 Datasheet HTML 127Page - Renesas Technology Corp SH7705 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 739 page
background image
Rev. 2.00, 09/03, page 78 of 690
31
16
11
12
17
0
Virtual address
Index
Ways 0 to 3
VPN(31-17)
VPN(11-10)
ASID(7-0)
V
0
31
Address array
Data array
PPN(28-10) PR(1-0) SZ
C
D
SH
Figure 3.9 TLB Indexing (IX = 0)
3.3.3
TLB Address Comparison
The results of address comparison determine whether a specific virtual page number is registered
in the TLB. The virtual page number of the virtual address that accesses external memory is
compared to the virtual page number of the indexed TLB entry. The ASID within the PTEH is
compared to the ASID of the indexed TLB entry. All four ways are searched simultaneously. If the
compared values match, and the indexed TLB entry is valid (V bit
= 1), the hit is registered.
It is necessary to have software ensure that TLB hits do not occur simultaneously in more than one
way, as hardware operation is not guaranteed if this occurs. An example of setting which causes
TLB hits to occur simultaneously in more than one way is described below. It is necessary to
ensure that this kind of setting is not made by software.
1. If there are two identical TLB entries with the same VPN and a setting is made such that a
TLB hit is made only by a process with ASID = H'FF when one is in the shared state (SH = 1)
and the other in the non-shared state (SH = 0), then if the ASID in PTEH is set to H'FF, there is
a possibility of simultaneous TLB hits in both these ways.
2. If several entries which have different ASID with the same VPN are registered in single virtual
memory mode, there is the possibility of simultaneous TLB hits in more than one way when
accessing the corresponding page in privileged mode. Several entries with the same VPN must
not be registered in single virtual memory mode.
3. There is the possibility of simultaneous TLB hits in more than one way. These hits may occur
depending on the contents of ASID in PTEH when a page to which SH is set 1 is registered in
theTLB in index mode(MMUCR.IX = 1). Thereforeapageto which SH is set1 must not be
registered in index mode. When memory is shared by several processings, different pages must
be registered in each ASID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com