Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 116Page - Renesas Technology Corp SH7705 Datasheet HTML 117Page - Renesas Technology Corp SH7705 Datasheet HTML 118Page - Renesas Technology Corp SH7705 Datasheet HTML 119Page - Renesas Technology Corp SH7705 Datasheet HTML 120Page - Renesas Technology Corp SH7705 Datasheet HTML 121Page - Renesas Technology Corp SH7705 Datasheet HTML 122Page - Renesas Technology Corp SH7705 Datasheet HTML 123Page - Renesas Technology Corp SH7705 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 739 page
background image
Rev. 2.00, 09/03, page 74 of 690
Bit
Bit
Name
Initial
Value
R/W
Description
31 to 9
0R
Reserved
These bits are always read as 0. The write value
should always be 0.
8SV
R/W
Single Virtual Memory Mode
0: Multiple virtual memory mode
1: Single virtual memory mode
7, 6
0R
Reserved
These bits are always read as 0. The write value
should always be 0.
5, 4
RC
0
R/W
Random Counter
A 2-bit random counter that is automatically updated
by hardware according to the following rules in the
event of an MMU exception.
When a TLB miss exception occurs, all of TLB entry
ways corresponding to the virtual address at which
the exception occurred are checked. If all ways are
valid, 1 is added to RC; if there is one or more invalid
way, they are set by priority from way 0, in the order
way 0, way 1, way 2, and way 3. In the event of an
MMU exception other than a TLB miss exception, the
way which caused the exception is set in RC.
3
0R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
TF
0
R/W
TLB Flush
Write 1 to flush the TLB (clear all valid bits of the TLB
to 0). When they are read, 0 is always returned.
1
IX
0
R/W
Index Mode
0: VPN bits 16 to 12 are used as the TLB index
number.
1: The value obtained by EX-ORing ASID bits 4 to 0
in PTEH and VPN bits 16 to 12 is used as the TLB
index number.
0
AT
0
R/W
Address Translation
Enables/disables the MMU.
0: MMU disabled
1: MMU enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com