Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 115Page - Renesas Technology Corp SH7705 Datasheet HTML 116Page - Renesas Technology Corp SH7705 Datasheet HTML 117Page - Renesas Technology Corp SH7705 Datasheet HTML 118Page - Renesas Technology Corp SH7705 Datasheet HTML 119Page - Renesas Technology Corp SH7705 Datasheet HTML 120Page - Renesas Technology Corp SH7705 Datasheet HTML 121Page - Renesas Technology Corp SH7705 Datasheet HTML 122Page - Renesas Technology Corp SH7705 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 739 page
background image
Rev. 2.00, 09/03, page 73 of 690
3.2.2
Page Table Entry Register Low (PTEL)
The page table entry register low (PTEL) register residing at address H'FFFFFFF4, and used to
store the physical page number and page management information to be recorded in the TLB by
the LDTLB instruction. The contents of this register are only modified in response to a software
command.
Bit
Bit
Name
Initial
Value
R/W
Description
31 to 29
0R
Reserved
These bits are always read as 0. The write value
should always be 0.
28 to 10
PPN
R/W
Number of Physical Page
9
8
7
6, 5
4
3
2
1
0
V
PR
SZ
C
D
SH
0
0
0
R
R/W
R
R/W
R/W
R/W
R/W
R/W
R
Page Management Information
For more details, see section 3.3, TLB Functions
3.2.3
Translation Table Base Register (TTB)
The translation table base register (TTB) residing at address H'FFFFFFF8, which points to the
base address of the current page table. The hardware does not set any value in TTB automatically.
TTB is available to software for general purposes. The initial value is undefined.
3.2.4
MMU Control Register (MMUCR)
The MMU control register (MMUCR) residing at address H'FFFFFFE0, which makes the MMU
settings described in figure 3.3. Any program that modifies MMUCR should reside in the P1 or P2
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com