Electronic Components Datasheet Search
  English  ▼

X  

SH7705 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7705
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  739 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7705 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7705 Datasheet HTML 112Page - Renesas Technology Corp SH7705 Datasheet HTML 113Page - Renesas Technology Corp SH7705 Datasheet HTML 114Page - Renesas Technology Corp SH7705 Datasheet HTML 115Page - Renesas Technology Corp SH7705 Datasheet HTML 116Page - Renesas Technology Corp SH7705 Datasheet HTML 117Page - Renesas Technology Corp SH7705 Datasheet HTML 118Page - Renesas Technology Corp SH7705 Datasheet HTML 119Page - Renesas Technology Corp SH7705 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 739 page
background image
Rev. 2.00, 09/03, page 70 of 690
The area from H'F000 0000 to H'F0FF FFFF is for direct access to the cache address array. For
more information, see section 4.4, Memory-Mapped Cache.
The area from H'F100 0000 to H'F1FF FFFF is for direct access to the cache data array. For more
information, see section 4.4, Memory-Mapped Cache.
The area from H'F200 0000 to H'F2FF FFFF is for direct access to the TLB address array. For
more information, see section 3.6, Memory-Mapped TLB.
The area from H'F300 0000 to H'F3FF FFFF is for direct access to the TLB data array. For more
information, see section 3.6, Memory-Mapped TLB.
The area from H'FC00 0000 to H'FFFF FFFF is reserved for the on-chip module control registers.
For more information, see section 24, List of Registers.
Physical Address Space: This LSI supports a 29-bit physical address space. As shown in figure
3.5, the physical address space is divided into eight areas. Area 1 is mapped to the on-chip module
control register area. Area 7 is reserved.
For details on physical address space, refer to section 7, Bus State Controller (BSC).
H'0400 0000
H'0800 0000
H'0C00 0000
H'1000 0000
H'1400 0000
H'1C00 0000
H'1FFF FFFF
H'1800 0000
Area 0
Area 1
(On-Chip module
control register)
Area 2
Area 3
Area 4
Area 5
Area 6
Area 7
(Reserved Area)
H'0000 0000
Figure 3.5 External Memory Space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com