Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 33Page - NXP Semiconductors FXLS93421 Datasheet HTML 34Page - NXP Semiconductors FXLS93421 Datasheet HTML 35Page - NXP Semiconductors FXLS93421 Datasheet HTML 36Page - NXP Semiconductors FXLS93421 Datasheet HTML 37Page - NXP Semiconductors FXLS93421 Datasheet HTML 38Page - NXP Semiconductors FXLS93421 Datasheet HTML 39Page - NXP Semiconductors FXLS93421 Datasheet HTML 40Page - NXP Semiconductors FXLS93421 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
10.19 Dynamic electrical characteristics - transducer
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Lateral Transducer Rolloff Frequency (–3 db)
10917
Medium g
fgcell_3dB_mid
1500
2500
4500
Hz
7
10915
High g
fgcell_3dB_hi
4000
7000
13000
Hz
7
Lateral Transducer Delay (@100 Hz)
10921
Medium g
fgcell_delay100_mid
—
—
250
µs
7
10919
High g
fgcell_delay100_hi
—
—
250
µs
7
Z-Axis Transducer Rolloff Frequency (–3 db)
10923
Medium g
fgcell_3dB_mid
1500
2500
4500
Hz
7
10925
High g
fgcell_3dB_hi
1500
2500
7500
Hz
7
Z-Axis Transducer Delay (@100 Hz)
10927
Medium g
fgcell_delay100_mid
—
—
250
µs
7
10929
High g
fgcell_delay100_hi
—
—
250
µs
7
10912
Package Resonance Frequency
fPackage
100
—
—
kHz
7
Table 42. Dynamic electrical characteristics - transducer
10.20 Dynamic electrical characteristics - supply and support circuitry
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Reset Recovery (All Modes, excluding VBUS_I voltage ramp time)
10930
VCC = VCCMIN to POR Release
tVCC_POR
—
—
1
ms
7, 8, 9
10939
POR to first DSI Command (Section 12.1)
tPOR_DSI
—
—
6
ms
7, 8, 9
10938
POR to PSI5 Initialization Phase 1 Start (Section 13.4)
tPOR_PSI5
—
—
6
ms
7, 8
10937
POR to first SPI Command
tPOR_SPI
0.400
—
0.700
ms
7, 8, 9
10936
POR to Sensor Data Valid
tPOR_DataValid
—
—
30
ms
7, 8, 9
10935
DSP Setting Change to Sensor Data Valid: DS3, SPI, I2C
tRANGE_DataValid
—
—
6
ms
7, 8, 9
Soft Reset Activation Time
10934
SPI: SS_B high to Reset
tSOFT_RESET_SPI
—
—
700
ns
7, 8
30152
I2C: Command Complete to Reset (No ACK follows)
tSOFT_RESET_I2C
—
—
700
ns
7, 8
30151
DSI3: Command/Response Complete to Reset
tSOFT_RESET_DSI
—
—
11
µs
7, 8
41495
PSI5: Command/Response Complete to Reset
tSOFT_RESET_PSI
—
—
120
µs
7, 8
Internal Oscillator Period
10933
Untrained
*
fOSC
9.560
10.000
10.440
MHz
1, 7, 8, 9
10940
With Oscillator Training
fOSC_TRAIN
9.900
10.000
10.100
MHz
7, 8, 9
Table 43. Dynamic electrical characteristics - supply and support circuitry
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
37 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com