Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 47Page - NXP Semiconductors FXLS93421 Datasheet HTML 48Page - NXP Semiconductors FXLS93421 Datasheet HTML 49Page - NXP Semiconductors FXLS93421 Datasheet HTML 50Page - NXP Semiconductors FXLS93421 Datasheet HTML 51Page - NXP Semiconductors FXLS93421 Datasheet HTML 52Page - NXP Semiconductors FXLS93421 Datasheet HTML 53Page - NXP Semiconductors FXLS93421 Datasheet HTML 54Page - NXP Semiconductors FXLS93421 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.5 Temperature register (TEMPERATURE)
The temperature register is a read-only register which provides a temperature value from
the channel 0 temperature sensor. The temperature value is specified in Section 10.5.
Note, the device is only guaranteed to operate within the temperature limits specified in
Section 10. This includes the performance of the temperature register values.
This register is readable in DSI3 mode, SPI mode, I2C mode or PSI5 Programming
Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$0E
TEMPE
RATURE
TEMP[7:0]
Reset Value
0
0
0
0
0
0
0
0
Table 74. Temperature register (TEMPERATURE)
11.2.6 Device lock register (DEVLOCK_WR)
The device lock register is a user programmed read/write register which contains the
ENDINIT bit and reset control bits.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$10
DEVLOCK_WR
ENDINIT
RESERVED
RESERVED
RESERVED
SUP_ERR_DIS
RESERVED
RESET[1:0]
Reset Value
0
0
0
0
0
0
0
0
Table 75. Device lock register (DEVLOCK_WR)
11.2.6.1 End initialization bit (ENDINIT)
The ENDINIT bit is a control bit used to indicate that the user has completed all device
and system level initialization tests. Once the ENDINIT bit is set, writes to all writable
register bits are inhibited except for the DEVLOCK_WR register. Once set, the ENDINIT
bit can only be cleared by a device reset.
When ENDINIT is set, the following occurs:
• An error detection is enabled for all user writable registers. The error detection code is
continuously calculated on the user writable registers and verified against a previously
calculated error detection code.
• The offset cancellation filter is forced to its final stage.
• Self-test is disabled and inhibited.
• Register Writes are inhibited with the exception of the RESET[1:0] bits in the
DEVLOCK_WR register.
In DSI3 mode, when the ENDINIT bit is set, the device is forced to PDCM according to
the device settings and no longer responds to CRM commands.
In PSI5 mode, the ENDINIT bit is automatically set when the device exits Initialization
Phase 3.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
51 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com