Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 57Page - NXP Semiconductors FXLS93421 Datasheet HTML 58Page - NXP Semiconductors FXLS93421 Datasheet HTML 59Page - NXP Semiconductors FXLS93421 Datasheet HTML 60Page - NXP Semiconductors FXLS93421 Datasheet HTML 61Page - NXP Semiconductors FXLS93421 Datasheet HTML 62Page - NXP Semiconductors FXLS93421 Datasheet HTML 63Page - NXP Semiconductors FXLS93421 Datasheet HTML 64Page - NXP Semiconductors FXLS93421 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
1
1
0
0
0
0
0
0
$1B
SOURCEID_1
SID1_EN
RESERVED
RESERVED
RESERVED
SOURCEID_1[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
$1C
SOURCEID_2
SID2_EN
RESERVED
RESERVED
RESERVED
SOURCEID_2[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
1
0
0
0
0
0
0
0
$1D
SOURCEID_3
SID3_EN
RESERVED
RESERVED
RESERVED
SOURCEID_3[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 89. Source identification registers (SOURCEID_x)...continued
11.2.13.1 Data source enable bits (SIDx_EN)
The SIDx_EN bits enable the data source for the associated source identification as
described in Section 11.2.13.3.
11.2.13.2 PDCM format control bits (PDCMFORMAT[2:0])
In DSI3 mode, the PDCM format control bits set the PDCM field sizes as shown in
Table 90. See Section 12.4.2 for PDCM response format details.
PDCMFORMAT[2:0]
Source ID field
size (Bits)
Keep alive
counter field
size (Bits)
Status field size
(Bits)
Data field size
(Bits)
Total
including CRC
(Bits)
0
0
0
0
2
4
10
24
0
0
1
4
2
4
10
28
0
1
0
0
0
4
12
24
0
1
1
4
0
4
12
28
1
0
0
0
2
0
10
20
1
0
1
0
0
0
16
24
1
1
0
0
0
4
16
28
1
1
1
4
0
4
16
32
Table 90. PDCM format control bits (PDCMFORMAT[2:0])
In PSI5 mode, the PDCM format control bits set the PSI5 response format as shown
in Table 91. See Section 13.3.2 for PSI5 response format details. Note: the data field
size applies to all modes except Programming Mode which has a fixed size of 10 bits.
The user must take care to prevent from combining incompatible data field sizes and
transmission times.
PDCMFORMAT[2:0]
Data field size (Bits)
0
x
x
10
1
x
x
16
Table 91. PDCM format control bits
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
61 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com