Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 96Page - NXP Semiconductors FXLS93421 Datasheet HTML 97Page - NXP Semiconductors FXLS93421 Datasheet HTML 98Page - NXP Semiconductors FXLS93421 Datasheet HTML 99Page - NXP Semiconductors FXLS93421 Datasheet HTML 100Page - NXP Semiconductors FXLS93421 Datasheet HTML 101Page - NXP Semiconductors FXLS93421 Datasheet HTML 102Page - NXP Semiconductors FXLS93421 Datasheet HTML 103Page - NXP Semiconductors FXLS93421 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
PN1[3:0]
Channel 0 axis
Channel 1 axis
0
RESERVED
1
RESERVED
2
RESERVED
3
X
Y
4
X
Z
5
RESERVED
6
RESERVED
7
Y
Z
8 - 15
RESERVED
Table 184. Part number: Axis
PN0[7:4]
Channel 0 range
0
RESERVED
1
RESERVED
2
Medium g
3
High g
4 - 15
RESERVED
Table 185. Part number: Channel 0 range
PN0[3:0]
Channel 1 range
0
RESERVED
1
RESERVED
2
Medium g
3
High g
4 - 15
RESERVED
Table 186. Part number: Channel 1 range
11.2.42 Device serial number registers
The serial number registers are factory programmed OTP registers which include the
unique serial number of the device. Serial numbers begin at 1 for all produced devices
in each lot and are sequentially assigned. Lot numbers begin at 1 and are sequentially
assigned. No lot will contain more devices than can be uniquely identified by the 14-bit
serial number. Depending on lot size and quantities, all possible lot numbers and serial
numbers may not be assigned. These registers are included in the factory programmed
OTP array error detection.
These registers are readable in DSI3 mode, SPI mode, I2C mode or PSI5 programming
mode when ENDINIT is not set. See Section 11.2.10 for details on the register read
process for these registers.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
100 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com