Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 50Page - NXP Semiconductors FXLS93421 Datasheet HTML 51Page - NXP Semiconductors FXLS93421 Datasheet HTML 52Page - NXP Semiconductors FXLS93421 Datasheet HTML 53Page - NXP Semiconductors FXLS93421 Datasheet HTML 54Page - NXP Semiconductors FXLS93421 Datasheet HTML 55Page - NXP Semiconductors FXLS93421 Datasheet HTML 56Page - NXP Semiconductors FXLS93421 Datasheet HTML 57Page - NXP Semiconductors FXLS93421 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.7.2 Write OTP enable and programming bits
Register writes executed by the user to the user programmed OTP array only update
the mirror register contents for the OTP array, not the actual OTP registers. To copy the
values to the actual OTP registers, a write must be executed to the WRITE_OTP_EN
register with the UOTP_WR_INIT bit set. The state of the UOTP_REGION[1:0], the
EX_COMMTYPE, and the EX_PADDR bits in the command determine which region of
OTP are written as shown in Table 78.
EX_
COMMTYPE
EX_PADDR
UOTP_
REGION[1]
UOTP_
REGION[0]
OTP write operation
Special
conditions
x
x
0
0
Write the current contents of the UF0 registers
to OTP
x
x
0
1
Write the current contents of the UF1 registers
to OTP
0
0
1
0
Write the current contents of the UF2 registers
to OTP, including the COMMTYPE register and
the PHYSADDR register
0
1
1
0
Write the current contents of the UF2 registers
to OTP, including COMMTYPE and excluding
PHYSADDR.
PHYSADDR =
0x00 after OTP
Write
1
0
1
0
Write the current contents of the UF2 registers
to OTP, excluding COMMTYPE and including
PHYSADDR.
User must
not overwrite
COMMTYPE
1
1
1
0
Write the current contents of the UF2 registers
to OTP, excluding COMMTYPE and excluding
PHYSADDR.
User must
not overwrite
COMMTYPE
PHYSADDR =
0x00 after OTP
Write
x
x
1
1
Reserved for Future Use
Table 78. Write OTP enable and programming bits
The UF0 and UF1 user OTP regions as well as the NXP programmed F OTP regions
share common mirror registers. For this reason, writes to the OTP for each region must
be completed independently according to the procedure below.
Depending upon the operating mode used, the user needs to write the UF2 values
to OTP either with or without the PHYSADDR register and the COMMTYPE register
being written. If Discovery Mode or switch connected daisy chain mode is used, the
PHYSADDR register must remain un-programmed (0x0000). If a pre-programmed bus
mode is used, the PHYSADDR register must be programmed to a non-zero value. To
support these two user modes, the EX_PADDR bit is used as described in Table 78.
Once a region is written using the OTP Write sequence, the LOCK_Uxx bit in the
appropriate CRC_xxx register is automatically set, locking the array from future writes.
Once a region is locked, an error detection is activated to detect changes to the register
values. Register values in the UF2 region can be over-written using register write
commands, but no new values can be written to the OTP.
The procedure for writing to the user OTP array UF0 and UF1 regions is:
1. Read the appropriate CRC_UFx register and confirm the LOCK_Uxx bit is not set.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
54 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com