Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 54Page - NXP Semiconductors FXLS93421 Datasheet HTML 55Page - NXP Semiconductors FXLS93421 Datasheet HTML 56Page - NXP Semiconductors FXLS93421 Datasheet HTML 57Page - NXP Semiconductors FXLS93421 Datasheet HTML 58Page - NXP Semiconductors FXLS93421 Datasheet HTML 59Page - NXP Semiconductors FXLS93421 Datasheet HTML 60Page - NXP Semiconductors FXLS93421 Datasheet HTML 61Page - NXP Semiconductors FXLS93421 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
3. Optional: Execute a register read of the UF_REGION_R register and confirm the
REGION_ACTIVE[3:0] bits match the values written to the REGION_LOAD[3:0] bits in
the UF_REGION_W register.
REGION_ACTIVE[3:0]
OTP register addresses loaded into the readable
registers
0
0
0
0
Load of OTP registers is in process
0
0
0
1
The contents of the shared registers has been over-written
by the user
0010 through 1001
Not Applicable
1
0
1
0
Address Range $A0 through $AF
1
0
1
1
Address Range $B0 through $BF
1
1
0
0
Address Range $C0 through $CF
1
1
0
1
Address Range $D0 through $DF
1
1
1
0
Address Range $E0 through $EF
1
1
1
1
Address Range $F0 through $FF
Table 84. Region active bits
4. Execute a Register Read of the desired registers from the UF0, UF1, or F register
section. Complete all desired Register Reads of the selected UF Region.
5. Repeat steps 1 through 4 for the next desired UF region to read.
Notes:
• The user must take care to ensure that the desired registers are addressed. For
example, if the REGION_LOAD bits are set to 0xA and the user executes a read
of address $C2, the contents of registers $A2 are transmitted. No error detection is
included other than a read of the REGION_ACTIVE bits.
• For COMMTYPE options with multiple protocol options (COMMTYPE = '000' or '001'),
no error detection is included other than a read of the REGION_ACTIVE bits. The user
must take care to ensure that the REGION_LOAD, bits are not inadvertently changed
by an alternative protocol while executing register reads.
• In DSI3, BDM, writes to registers are inhibited. For this reason, reads of the UF0, UF1,
and F registers will only be possible for the region selected by the REGION_ACTIVE
bits at the time ENDINIT is set.
• In SPI and I2C mode, once the ENDINIT bit is set, writes to registers other than the
RESET[1:0] bits are inhibited. For this reason, reads of the UF0, UF1, and F registers
will only be possible for the region selected by the REGION_ACTIVE bits at the time
ENDINIT is set.
11.2.11 Communication type register (COMMTYPE)
The communication type register is a user programmed read/write register which
contains user-specific configuration information for communication type. This register is
included in the read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, and I2C mode. In PSI5
Programming Mode, the value of this register must not be changed or a U_OTP Memory
occurs.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
58 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com