Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 62Page - NXP Semiconductors FXLS93421 Datasheet HTML 63Page - NXP Semiconductors FXLS93421 Datasheet HTML 64Page - NXP Semiconductors FXLS93421 Datasheet HTML 65Page - NXP Semiconductors FXLS93421 Datasheet HTML 66Page - NXP Semiconductors FXLS93421 Datasheet HTML 67Page - NXP Semiconductors FXLS93421 Datasheet HTML 68Page - NXP Semiconductors FXLS93421 Datasheet HTML 69Page - NXP Semiconductors FXLS93421 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
FXLS93xxx
Unprogrammed
Default PSI5 Mode
0
0
0
0
1
0
0
0
Table 100. Chip time and bit time register (CHIPTIME)...continued
11.2.15.1 PSI5 self-test repetition bits (ST_RPT[1:0])
In PSI5 mode, the PSI5 self-test repetition bits set the maximum number of PSI5 self-test
repetitions that the device will run before setting the ST_ERROR bit. See Section 6.6.2.5
for details regarding the PSI5 startup self-test.
ST_RPT[1]
ST_RPT[0]
Maximum PSI5 self-test repetitions
0
0
8
0
1
1
1
0
4
1
1
2
Table 101. PSI5 self-test repetition bits (ST_RPT[1:0])
11.2.15.2 PSI5 error latching enable bit (PSI5_ERRLATCH)
In PSI5 mode, the PSI5 error latching enable bit allows for users to disable the automatic
error clearing mechanism for internal faults. When this bit is set, internal errors are
latched until reset. See Section 13.9.4 and Section 13.9.5 for details regarding internal
error handling.
PSI5_
ERRLATCH
PSI5 error handling
0
Error handling is as specified in Section 11.2.2 and Section 13.9.4
1
Automatic error clearing is disabled and internal errors are latched until reset as
specified in Section 13.9.5
Table 102. PSI5 error latching enable bit (PSI5_ERRLATCH)
11.2.15.3 Simultaneous sampling enable (SS_EN)
In DSI3 mode, the simultaneous sampling enable bit selects between one of two data
latency methods. See Section 12.4.7 for details regarding sample timing.
SS_EN
Data latency
0
Synchronous Sampling Mode: Latency relative to transmission start time (PDCM_
RSPST)
1
Simultaneous Sampling Mode: Latency relative to the start of the Periodic Data
Collection Mode command (falling edge)
Table 103. DSI3 simultaneous sampling enable (SS_EN)
In PSI5 mode, the simultaneous sampling enable bit selects between one of two data
latency methods to accommodate synchronized sampling or simultaneous sampling.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
66 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com