Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 38Page - NXP Semiconductors FXLS93421 Datasheet HTML 39Page - NXP Semiconductors FXLS93421 Datasheet HTML 40Page - NXP Semiconductors FXLS93421 Datasheet HTML 41Page - NXP Semiconductors FXLS93421 Datasheet HTML 42Page - NXP Semiconductors FXLS93421 Datasheet HTML 43Page - NXP Semiconductors FXLS93421 Datasheet HTML 44Page - NXP Semiconductors FXLS93421 Datasheet HTML 45Page - NXP Semiconductors FXLS93421 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Bit
Type[1]Address Register
7
6
5
4
3
2
1
0
F
$BA-
$BE
RESERVED
RESERVED
F
$BF
CRC_F_B
LOCK_F_B
REGB_BLOCKID[2:0]
CRC_F_B[3:0]
Table 47. User accessible data - sensor specific information...continued
[1]
Memory Type Codes
R - Readable Register with No OTP
F – User Readable Register with OTP
UF0 – One Time User Programmable OTP Location Region 0
UF1 – One Time User Programmable OTP Location Region 1
UF2 – One Time User Programmable OTP Location Region 2
R/W – User Writable Register
11.1.5 User accessible data - traceability information
Bit
Type[1] Address Register
7
6
5
4
3
2
1
0
F
$C0
ICTYPEID
ICTYPEID[7:0]
F
$C1
ICREVID
ICREVID[7:0]
F
$C2
ICMFGID
ICMFGID[7:0]
F
$C3
RESERVED
RESERVED
F
$C4
PN0
PN0[7:0]
F
$C5
PN1
PN1[7:0]
F
$C6
SN0
SN[7:0]
F
$C7
SN1
SN[15:8]
F
$C8
SN2
SN[23:16]
F
$C9
SN3
SN[31:24]
F
$CA
SN4
SN[39:36] = DEVICE_REV[3:0]
SN[35:32]
F
$CB
ASICWFR#
ASICWFR#[7:0]
F
$CC
ASICWFR_X
ASICWFR_X[7:0]
F
$CD
ASICWFR_Y
ASICWFR_Y[7:0]
F
$CE
RESERVED
RESERVED
F
$CF
CRC_F_C
LOCK_F_C
REGC_BLOCKID[2:0]
CRC_F_C[3:0]
F
$D0
ASICWLOT_L
ASICWLOT_L[7:0]
F
$D1
ASICWLOT_H
ASICWLOT_H[7:0]
F
$D2
TRNS1WFR_X
TRNS1WFR_X[7:0]
F
$D3
TRNS1WFR_Y
TRNS1WFR_Y[7:0]
F
$D4
TRNS1LOT_L
TRNS1LOT_L[7:0]
F
$D5
TRNS1LOT_H
TRNS1LOT_H[7:0]
F
$D6-$D9 RESERVED
RESERVED
F
$DA
TRNS1WFR#
TRNS_ASSY_REV[2:0]
TRNS1WFR#[4:0]
F
$DB-$DE RESERVED
RESERVED
F
$DF
CRC_F_D
LOCK_F_D
REGD_BLOCKID[2:0]
CRC_F_D[3:0]
UF0
$E0
USERDATA_0
USERDATA_0[7:0]
UF0
$E1
USERDATA_1
USERDATA_1[7:0]
UF0
$E2
USERDATA_2
USERDATA_2[7:0]
UF0
$E3
USERDATA_3
USERDATA_3[7:0]
UF0
$E4
USERDATA_4
USERDATA_4[7:0]
UF0
$E5
USERDATA_5
USERDATA_5[7:0]
UF0
$E6
USERDATA_6
USERDATA_6[7:0]
UF0
$E7
USERDATA_7
USERDATA_7[7:0]
UF0
$E8
USERDATA_8
USERDATA_8[7:0]
Table 48. User accessible data - traceability information
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
42 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com