Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 67Page - NXP Semiconductors FXLS93421 Datasheet HTML 68Page - NXP Semiconductors FXLS93421 Datasheet HTML 69Page - NXP Semiconductors FXLS93421 Datasheet HTML 70Page - NXP Semiconductors FXLS93421 Datasheet HTML 71Page - NXP Semiconductors FXLS93421 Datasheet HTML 72Page - NXP Semiconductors FXLS93421 Datasheet HTML 73Page - NXP Semiconductors FXLS93421 Datasheet HTML 74Page - NXP Semiconductors FXLS93421 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.17.2 PSI5 daisy chain selection bit (DAISY_CHAIN)
In PSI5 mode, the transmission mode selection bits select the PSI5 transmission mode
as shown in Table 115.
DAISY_
CHAIN
Operating mode
Response (PDCM_
RSTST0)
Reference
0
Normal Mode (Asynchronous or Parallel,
Synchronous)
SNSDATA0
Section 13.5
1
Daisy Chain Mode
SNSDATA0
Section 13.8
Table 115. PSI5 daisy chain selection bit (DAISY_CHAIN)
In DSI3 mode, the DAISY_CHAIN bit is readable and writable, but has no impact on
device operation or performance.
In SPI and I2C mode, the DAISY_CHAIN bit is readable and writable, but has no impact
on device operation or performance.
11.2.17.3 PSI5 low response current selection bit (PSI5_ILOW)
In PSI5 mode, the PSI5 low response current selection bit selects the low PSI5 response
current specified in Section 10.4 as shown in Table 116.
PSI5_ILOW
PSI5 response current
0
Normal Response Current
1
Low Response Current
Table 116. PSI5 low response current selection bit (PSI5_ILOW)
In DSI3 mode, the PSI5_ILOW bit is readable and writable, but has no impact on device
operation or performance.
In SPI and I2C mode, the PSI5_ILOW bit is readable and writable, but has no impact on
device operation or performance.
11.2.17.4 Dual transmission mode (DUALTRANS)
In PSI5 mode, the dual transmission mode bit enables dual data transmission as
described in Section 13.7 only if the DAI-SY_CHAIN bit is not set and the ASYNC bit is
not set.
DUALT
RANS
SID3_EN SID2_EN SID1_EN SID0_EN
Operating mode
Response
PDCM_RSPST0
Response
PDCM_RSPST1
Response
PDCM_RSPST2
Response
PDCM_RSPST3
Refer
ence
0
As specified in
Section 11.2.13.3
Normal Mode
Asynchronous or Synchronous,
Parallel, Daisy Chain
CH0_
SNSDATA0
CH0_
SNSDATA1
CH1_
SNSDATA0
CH1_
SNSDATA1
Section 13.5,
Section 13.8
x
x
0
0
No Transmission
None
None
None
None
x
x
0
1
Dual Data Transmission
Mode, Single Transmission
CONCATENATE
(CH1_SNSDA-
TA0, CH0_
SNS-DATA0)
None
None
None
x
x
1
0
Dual Data Transmission
Mode, Single Transmission
None
CONCATENATE
(CH1_SNSDA-
TA1, CH0_
SNS-DATA1)
None
None
1
x
x
1
1
Dual Data Transmission
Mode, Double Transmission
CONCATENATE
(CH1_SNSDA-
TA0, CH0_
SNS-DATA0)
CONCATENATE
(CH1_SNSDA-
TA1, CH0_
SNS-DATA1)
None
None
Section 13.7
Table 117. Dual transmission mode (DUALTRANS)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
71 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com