Electronic Components Datasheet Search
  English  ▼

X  

FXLS93421 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # FXLS93421
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93421 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button FXLS93421 Datasheet HTML 90Page - NXP Semiconductors FXLS93421 Datasheet HTML 91Page - NXP Semiconductors FXLS93421 Datasheet HTML 92Page - NXP Semiconductors FXLS93421 Datasheet HTML 93Page - NXP Semiconductors FXLS93421 Datasheet HTML 94Page - NXP Semiconductors FXLS93421 Datasheet HTML 95Page - NXP Semiconductors FXLS93421 Datasheet HTML 96Page - NXP Semiconductors FXLS93421 Datasheet HTML 97Page - NXP Semiconductors FXLS93421 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
OCPHA
SE[2:0]
Offset cancellation startup phase
Offset low-pass filter frequency
(Hz)
011
Phase 3
2.560
100
Phase 4
0.640
101
Phase 5
0.160
110
Phase 6 / Normal Mode
0.04
111
Not Applicable
Table 169. Offset cancellation phase status (OCPHASE[2:0])...continued
11.2.32.3 Self-test incomplete (ST_INCMPLT)
The self-test incomplete bit is set after a device reset and is cleared when one of the
analog or digital self-tests modes are enabled in the ST_CTRL register (ST_CTRL[3] =
logic 1 | ST_CTRL[2] = logic 1 | | ST_CTRL[1] = logic 1 | | ST_CTRL[0] = logic 1) or the
PSI5 internal self-test procedure has started.
ST_
INCMPLT
Condition
0
An Analog or Digital Self-test has been activated since the last reset
1
No Analog or Digital Self-test has not been activated since the last reset AND the PSI5 internal self-test
procedure has not completed
Table 170. Self-test incomplete (ST_INCMPLT)
11.2.32.4 Self-test active flag (ST_ACTIVE)
The self-test active bit is set if any self-test mode is currently active, including the PSI5
internal self-test or a self-test voltage is applied to the transducer. The self-test active
bit is cleared when no self-test mode is active and no self-test voltage is applied to the
transducer.
ST_ACTIVE = ST_CTRL[3] | ST_CTRL[2] |ST_CTRL[1] | ST_CTRL[0] | (self-test voltage
applied to transducer)
11.2.32.5 Offset error flag (OFFSET_ERR)
The offset error flag is set if the sensor signal reaches the offset limit specified in
Section 10.6. The OFFSET_ERR bit is cleared on a read of the CHx_STAT register
through any communication interface or on a data transmission that includes the error in
the status field. See Section 11.2.15.2 for details on a method to disable the automatic
clearing of this error in PSI5 mode.
OFFSET_ERR
Error condition
0
No error detected
1
Offset error detected
Table 171. Offset error flag (OFFSET_ERR)
11.2.32.6 Self-test error flag (ST_ERROR)
The self-test error flag is set if the PSI5 startup self-test fails as described in Section
6.6.2.5. This bit can only be cleared by a device reset.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
94 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com