Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 121 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 121 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 117Page - Dialog Semiconductor SLG47503 Datasheet HTML 118Page - Dialog Semiconductor SLG47503 Datasheet HTML 119Page - Dialog Semiconductor SLG47503 Datasheet HTML 120Page - Dialog Semiconductor SLG47503 Datasheet HTML 121Page - Dialog Semiconductor SLG47503 Datasheet HTML 122Page - Dialog Semiconductor SLG47503 Datasheet HTML 123Page - Dialog Semiconductor SLG47503 Datasheet HTML 124Page - Dialog Semiconductor SLG47503 Datasheet HTML 125Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
121 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
17
Register Definitions
17.1 REGISTER MAP
Table 37: Register Map
Address
Signal Function
Register Bit Definition
Byte
Register
Bit
Matrix Output
0
0
I2C Write Mask Control
Host write data bit-mask:
0: write
1: mask (don't change)
(This mask does not effect on NVM write and masks register
update)
1
2
3
4
5
6
7
1
8
I2C Virtual Input Control
Host Virtual Input Bit 0
9
Host Virtual Input Bit 1
10
Host Virtual Input Bit 2
11
Host Virtual Input Bit 3
12
Host Virtual Input Bit 4
13
Host Virtual Input Bit 5
14
Host Virtual Input Bit 6
15
Host Virtual Input Bit 7
2
16
I2C Reset Control
0: Normal
1: Reset
(Self-Clear Bit. Shuts down device (simulates a Chip POR))
17
Reserved
18
Reserved
19
Reserved
20
Reserved
21
Reserved
22
Reserved
23
Reserved
3
24
I2C Interfaces Base Address
Bit[6:3] can be optional selected to GPIOx with
I2C_CONTROL_CODE_BITx_SEL configuration
25
26
27
28
29
30
31
I2C Mode Enable
0: I2C mode disable
1: I2C mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com