Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 120 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 120 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 116Page - Dialog Semiconductor SLG47503 Datasheet HTML 117Page - Dialog Semiconductor SLG47503 Datasheet HTML 118Page - Dialog Semiconductor SLG47503 Datasheet HTML 119Page - Dialog Semiconductor SLG47503 Datasheet HTML 120Page - Dialog Semiconductor SLG47503 Datasheet HTML 121Page - Dialog Semiconductor SLG47503 Datasheet HTML 122Page - Dialog Semiconductor SLG47503 Datasheet HTML 123Page - Dialog Semiconductor SLG47503 Datasheet HTML 124Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
120 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
16
Analog Temperature Sensor
The SLG47502/03 has an Analog Temperature Sensor (TS) with an output voltage linearly-proportional to the Centigrade tem-
perature. The TS cell shares buffer with Vref 0, so it is impossible to use both cells simultaneously, its output can be connected
directly to the GPIO or to the ACPM1_H positive input. Using buffer causes low-output impedance, linear output and makes
interfacing to readout or control circuitry especially easy. The TS is rated to operate over a -40 °C to 85 °C temperature range.
The error in the whole temperature range does not exceed ±2.5 %. TS output voltage variation over VDD at constant temperature
is less than ±1.5 %. When changing power-down source settings or enable temperature sensor settings in the Analog Tempera-
ture Sensor block, similar changes of these settings automatically occur in the Voltage Reference block. For more details refer to
section 4.
The equation below calculates the typical analog voltage passed from the TS to the ACMPs' IN+ source input. It is important to
note that there will be a chip to chip variation of about ±2 °C.
where:
VTS (mV) - TS Output Voltage
T (°C) - Temperature
Temperature hysteresis can be setup by enabling the GreenPAK's internal ACMP hysteresis.
Figure 107: Analog Temperature Sensor Structure Diagram
VTS = -1.95 x T + 734
register [1528] = 1
GPIO
TS Power Up
VDD
OUT
From Connectinon
Matrix Output [95]
11
10
01
00
ACMP1H Vref
ACMP0H Vref
Reserved
Buf_sel[1526:1525]
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com