Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 116 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 116 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 112Page - Dialog Semiconductor SLG47503 Datasheet HTML 113Page - Dialog Semiconductor SLG47503 Datasheet HTML 114Page - Dialog Semiconductor SLG47503 Datasheet HTML 115Page - Dialog Semiconductor SLG47503 Datasheet HTML 116Page - Dialog Semiconductor SLG47503 Datasheet HTML 117Page - Dialog Semiconductor SLG47503 Datasheet HTML 118Page - Dialog Semiconductor SLG47503 Datasheet HTML 119Page - Dialog Semiconductor SLG47503 Datasheet HTML 120Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
116 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
15.4.6 I2C Serial Reset Command
If I2C serial communication is established with the device, it is possible to reset the device to initial power up conditions, including
configuration of all macrocells, and all connections provided by the Connection Matrix. This is implemented by setting
register [17:16] I2C reset bit to “1”, which causes the device to re-enable the Power-On Reset (POR) sequence, including the
reload of all register data from NVM. During the POR sequence, the outputs of the device will be in tri-state. After the reset has
taken place, the contents of register [17:16] will be set to “0” automatically. Figure 105 illustrates the sequence of events for this
reset function.
15.4.7 I2C Additional Options
When Output latching during I2C write, register [1425] = 1 allows all PINs output value to be latched until I2C write is done. It will
protect the output change due to configuration process during I2C write in case multiple register bytes are changed. Inputs and
internal macrocells retain their status during I2C write.
If the user sets GPIO0 and GPIO1 function to a selection other than SDA and SCL, all access via I2C will be disabled.
Note: Any write commands that come to the device via I2C that are not blocked, based on the protection bits, will change the
contents of the RAM register bits that mirror the NVM bits. These write commands will not change the NVM bits themselves, and
a POR event will restore the register bits to original programmed contents of the NVM.
See Section 17 for detailed information on all registers.
15.4.8 Reading Counter Data via I2C
The current count value in all counters in the device can be read via I2C.
15.4.9 I2C Byte Write Bit Masking
The I2C macrocell inside SLG47502/03 supports masking of individual bits within a byte that is written to the RAM memory space.
This function is supported across the entire RAM memory space. To implement this function, the user performs a Byte Write
Command (see Section 15.4.1 for details) on the I2C Byte Write Mask Register (address 0F6H) with the desired bit mask pattern.
This sets a bit mask pattern for the target memory location that will take effect on the next Byte Write Command to this register
byte. Any bit in the mask that is set to “1” in the I2C Byte Write Mask Register will mask the effect of changing that particular bit
in the target register, during the next Byte Write Command. The contents of the I2C Byte Write Mask Register are reset (set to
Figure 105: Reset Command Timing
X
X
X
X
A
10
A
9
A
8
W
A
7
A
0
Control Byte
Word Address
Control
Code
Block
Address
Write bit
S
ACK
Acknowledge
bit
Start
bit
ACK
D
7
D
0
Data
P
Stop
bit
Acknowledge
bit
SDA LINE
Bus Activity
Acknowledge
bit
ACK
Reset-bit register output
DFF output gated by stop signal
Internal POR for core only
Internal Reset bit
by I2C Stop Signal
Not used, set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com