Electronic Components Datasheet Search
  English  ▼

X  

SLG47503 Datasheet(PDF) 117 Page - Dialog Semiconductor

Part # SLG47503
Description  Low Voltage GreenPAK Programmable Mixed-Signal Matrix
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG47503 Datasheet(HTML) 117 Page - Dialog Semiconductor

Back Button SLG47503 Datasheet HTML 113Page - Dialog Semiconductor SLG47503 Datasheet HTML 114Page - Dialog Semiconductor SLG47503 Datasheet HTML 115Page - Dialog Semiconductor SLG47503 Datasheet HTML 116Page - Dialog Semiconductor SLG47503 Datasheet HTML 117Page - Dialog Semiconductor SLG47503 Datasheet HTML 118Page - Dialog Semiconductor SLG47503 Datasheet HTML 119Page - Dialog Semiconductor SLG47503 Datasheet HTML 120Page - Dialog Semiconductor SLG47503 Datasheet HTML 121Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 191 page
background image
Datasheet
16-Jul-2021
CFR0011-120-00
Revision 2.0
117 of 191
© 2021 Dialog Semiconductor
SLG47502/03
Low Voltage GreenPAK Programmable
Mixed-Signal Matrix
Preliminary
00h) after valid Byte Write Command. If the next command received by the device is not a Byte Write Command, the effect of the
bit masking function will be aborted, and the I2C Byte Write Mask Register will be reset with no effect. Figure 106 shows an
example of this function.
15.4.10 Writing a New Value to the Shift Register via I2C
The new value can be written to the Shift Register if low logic level presents at the CLK input of the macrocell. Otherwise, if the
logic level at CLK input is high, the new value will be ignored.
It’s recommended to perform the following actions to write the new value to the Shift Register:
Read Shift Register value (Old_Value);
Write new Shift Register value;
Read Shift Register value (New_Value) and compare it with the result of the last read (Old_Value). If New_Value isn’t equal to
the Old_Value, the writing procedure was successful. Otherwise, if New_Value is equal to the Old_Value, the content of the
Shift Register hasn’t been updated (the logic level at the CLK input is high). I2C master should perform the following steps:
Connect the CLK input of the Shift Register to the GND (connect the corresponding matrix output to the matrix input x00);
Analyze the LSB, if the new value to be written to the Shift Register, for example xxxx xxx(y). y is the LSB of the 8-bit value
to be written to the Shift Register.
Figure 106: Example of I2C Byte Write Bit Masking
User Actions
Byte Write Command, Address = F6h, Data = 11110000b [sets mask bits]
Byte Write Command, Address = 74h, Data = 10101010b [writes data with mask]
1
Memory Address 74h (original contents)
Memory Address 74h (new data in write command)
Memory Address F6h (mask register)
Memory Address 74h (new contents after write command)
Mask to choose bit from new
write command
Bit from original register
contents
Bit from new write command
Mask to choose bit from
original register contents
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
1
1
1
0
0
0
0
1
1
0
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com