Electronic Components Datasheet Search
  English  ▼

X  

P5021 Datasheet(PDF) 139 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 139 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors P5021 Datasheet HTML 137Page - NXP Semiconductors P5021 Datasheet HTML 138Page - NXP Semiconductors P5021 Datasheet HTML 139Page - NXP Semiconductors P5021 Datasheet HTML 140Page - NXP Semiconductors P5021 Datasheet HTML 141Page - NXP Semiconductors P5021 Datasheet HTML 142Page - NXP Semiconductors P5021 Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
139
dependent and are still under characterization, component values may need adjustment based on the system or environment
noise.
Where:
C1 = 2.2
μF ± 10%, X5R, with ESL ≤ 0.5 nH
C2 = 2.2
μF ± 10%, X5R, with ESL ≤ 0.5 nH
F1 = 120
Ω at 100-MHz 2A 25% 0603 Ferrite
F2 = 120
Ω at 100-MHz 2A 25% 0603 Ferrite
Bulk and decoupling capacitors are added, as needed, per power supply design.
Figure 53. XVDD power supply filter circuit
3.3.3
USB_VDD_1P0 power supply filtering
USB_VDD_1P0 should be sourced by a filtered VDD_PL using a star connection. An example solution for USB_VDD_1P0
filtering, where USB_VDD_1P0 is sourced from VDD_PL, is illustrated in Figure 54. The component values in this example filter
is system dependent and are still under characterization, component values may need adjustment based on the system or
environment noise.
Where:
C1 = 2.2
μF ± 20%, X5R, with Low ESL (for example, Panasonic ECJ0EB0J225M)
F1 = 120
Ω at 100-MHz 2A 25% Ferrite (for example, Murata BLM18PG121SH1)
Bulk and decoupling capacitors are added, as needed, per power supply design.
Figure 54. USB_VDD_1P0 power supply filter circuit
3.4
Decoupling recommendations
Due to large address and data buses, and high operating frequencies, the device can generate transient power surges and high
frequency noise in its power supply, especially while driving large capacitive loads. This noise must be prevented from reaching
other components in the chip’s system, and the chip itself requires a clean, tightly regulated source of power. Therefore, it is
recommended that the system designer place at least one decoupling capacitor at each VDD, BVDD, OVDD, CVDD, GVDD, and
LVDD pin of the chip. These decoupling capacitors should receive their power from separate VDD, BVDD, OVDD, CVDD,
GVDD, LVDD, and GND power planes in the PCB, utilizing short traces to minimize inductance. Capacitors may be placed
directly under the device using a standard escape pattern. Others may surround the part.
These capacitors should have a value of 0.01 or 0.1
μF. Only ceramic SMT (surface mount technology) capacitors should be
used to minimize lead inductance, preferably 0402 or 0603 sizes.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB, feeding the VDD, BVDD,
OVDD, CVDD, GVDD, and LVDD planes, to enable quick recharging of the smaller chip capacitors. These bulk capacitors should
XVDD
1.5 V or 1.8V source
C1
C2
GND
F1
F2
Bulk and
Decoupling
Capacitors
USB_VDD_1P0
VDD_PL
C1
C1
GND
F1
Bulk and
Decoupling
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com