Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 31 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 27Page - Analog Devices LTC2977 Datasheet HTML 28Page - Analog Devices LTC2977 Datasheet HTML 29Page - Analog Devices LTC2977 Datasheet HTML 30Page - Analog Devices LTC2977 Datasheet HTML 31Page - Analog Devices LTC2977 Datasheet HTML 32Page - Analog Devices LTC2977 Datasheet HTML 33Page - Analog Devices LTC2977 Datasheet HTML 34Page - Analog Devices LTC2977 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
WINDOW COMPARATOR PROGRAMMING
In normal operation, VOUTn voltage should be always
close to half of the VINSn voltage. A floating window
comparator monitors the voltage on the VOUTn pin and
compares it with VINSn/2. The window hysteresis volt-
age can be programmed and is equal to the voltage at
the HYS_PRGMSn pin. There is a precision 10μA cur-
rent flowing out of HYS_PRGMSn pin. A single resistor
from HYS_PRGMSn pin to GND sets the HYS_PRGMSn
pin voltage, which equals the resistor value multiplied by
10μA current (e.g. the voltage is 1V with a 100k resis-
tor from the HYS_PRGMSn pin to GND). With a 100k
resistor on the HYS_PRGMSn pin, the VINSn/2 voltage
has to be within (VOUTn ± 1V) window during startup and
normal operation, otherwise a fault is triggered and the
LTM4664A divider stages stop switching.
The window hysteresis voltage can be linearly pro-
grammed from 0.3V to 2.4V with different resistor values
on HYS_PRGMNSn pin. If the HYS_PRGMSn pin is tied
to INTVCC, a default 0.8V hysteresis window is applied
internally. The hysteresis window voltage has to be pro-
grammed large enough to tolerate the VOUTn pin voltage
ripple and voltage drop at maximum load conditions. See
Figure 5. Small internal RC filters can be used on these two
pins to reject noise higher than the switching frequency.
Usually front end circuit breakers control the rate change
and slew rate on the main input power which will eliminate
this problem. As long as the input supply moves much
slower than the operating frequency of the 4:1 divider,
then the regulator will be able to balance without a need
to pre-balance.
OVERCURRENT PROTECTION
The LTM4664A 4:1 divider provides overcurrent protection
through a sensing resistor placed on the high voltage side.
A precision rail to rail comparator monitors the differential
voltage between INSNSSn+ pin and INSNSSn– pin which
are Kelvin connected to a sensing resistor. Whenever the
INSNSSn+ pin voltage is 50mV higher than INSNSSn– pin
voltage, overcurrent fault is triggered and the FAULTSn pin
is pulled down to ground. At the same time the divider
stage stops switching and starts retry mode based on
the timer pin setup. The overcurrent fault will be cleared
when the TIMERSn pin voltage reaches 4V and the voltage
across the sensing resistor is less than 50mV.
The current through the sensing resistor is a pulse cur-
rent during charging/discharging of the flying capacitors,
which may result a voltage higher than the 50mV thresh-
old at heavy loads. To prevent the inrush current from
falsely triggering the overcurrent protection, an RC filter
is required at the INSNSSn+ pin and INSNSSn– The RC
filter timer constant has to be larger than a switching
period. Typically a 100Ω and 0.1μF filter is good for most
of applications, and this filter is already included inside the
LTM4664A. The current limit can be selected by choos-
ing different sense resistor values. For example, 10mΩ
sensing resistor sets current limit at 50mV/10mΩ = 5A
ideally. Due to the switching ripple, the actual current limit
is always lower than the ideal case. In real circuits, the
current limit is around 4.2A with the 0.1μF/100Ω filter and
200kHz switching frequency. If overcurrent protection is
not used, short INSNSSn+ pin and INSNSSn– pin together
and connect them to the drain of the top as shown in
Figure 1 stage 2. Stage 2 current limit is not usually nec-
essary since stage 1 already has it implemented. Also
the dual 25A/30A regulators have overcurrent protection
discussed later in the data sheet.
LTM4664A
31
Rev. 0
For more information www.analog.com
4:1 DIVIDER APPLICATION INFORMATION
Figure 5. Relationship Between HYS_PRGM Pin Voltage
and VOUTn_SENSE Window Comparator Voltage
VHYS_PRGM (V)
0
2.5
2
1
1.5
0.5
0
4
2
4664A F05
5
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com