Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 82 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 82 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 78Page - Analog Devices LTC2977 Datasheet HTML 79Page - Analog Devices LTC2977 Datasheet HTML 80Page - Analog Devices LTC2977 Datasheet HTML 81Page - Analog Devices LTC2977 Datasheet HTML 82Page - Analog Devices LTC2977 Datasheet HTML 83Page - Analog Devices LTC2977 Datasheet HTML 84Page - Analog Devices LTC2977 Datasheet HTML 85Page - Analog Devices LTC2977 Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
LTM4664A
82
Rev. 0
For more information www.analog.com
EMI PERFORMANCE
The SW_Cn pin provides access to the midpoint of the
power MOSFETs in LTM4664A’s power stages.
Connecting an optional series RC network from SW_Cn to
GND can dampen high frequency (~30MHz+) switch node
ringing caused by parasitic inductances and capacitances
in the switched-current paths. The RC network is called a
snubber circuit because it dampens (or “snubs”) the res-
onance of the parasitics, at the expense of higher power
loss. To use a snubber, choose first how much power to
allocate to the task and how much PCB real estate is avail-
able to implement the snubber. For example, if PCB space
allows a low inductance 0.5W resistor to be used then the
capacitor in the snubber network (CSW) is computed by:
CSW =
PSNUB
VINS3n(MAX)
2 •fSW
where VIN3n(MAX) is the maximum input voltage that the
input to the power stage (VINn) will see in the application,
and fSW is the DC/DC converter’s switching frequency
of operation. CSW should be NPO, C0G or X7R-type (or
better) material.
The snubber resistor (RSW) value is then given by:
RSW =
5nH
CSW
The snubber resistor should be low ESL and capable of
withstanding the pulsed currents present in snubber cir-
cuits. A value between 0.7Ω and 4.2Ω is normal.
A 2.2nF snubber capacitor is a good value to start with in
series with the snubber resistor to ground. The no load
input quiescent current can be monitored while selecting
different RC series snubber components to get a increased
power loss versus switch node ringing attenuation.
SAFETY CONSIDERATIONS
The LTM4664A modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure.
The fuse or circuit breaker should be selected to limit the
current to the regulator during overvoltage in case of an
internal top MOSFET fault. If the internal top MOSFET
fails, then turning it off will not resolve the overvoltage,
thus the internal bottom MOSFET will turn on indefinitely
trying to protect the load. Under this fault condition, the
input voltage will source very large currents to ground
through the failed internal top MOSFET and enabled
internal bottom MOSFET. This can cause excessive heat
and board damage depending on how much power the
input voltage can deliver to this system. A fuse or circuit
breaker can be used as a secondary fault protector in
this situation. The device does support over current and
overtemperature protection.
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com