Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 89 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 89 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 85Page - Analog Devices LTC2977 Datasheet HTML 86Page - Analog Devices LTC2977 Datasheet HTML 87Page - Analog Devices LTC2977 Datasheet HTML 88Page - Analog Devices LTC2977 Datasheet HTML 89Page - Analog Devices LTC2977 Datasheet HTML 90Page - Analog Devices LTC2977 Datasheet HTML 91Page - Analog Devices LTC2977 Datasheet HTML 92Page - Analog Devices LTC2977 Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
LTM4664A
89
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 50. 48V-58V Input, Converting 1.2V at 30A, and 0.9V at 90A. Power System Management Features Accessible Through
LTM4664A Over 2-Wire I2C/SMBus/PMBus Serial Interface.
VOUT1A
ON/OFFA
VDD25A
VDD33A
INTVCCA
1.2V/30A
PGOODS1A
VOUT2A
VOUT2A
PGOOD1P2V
PGOODS1A
PGOODS2A
PGOODS2A
PGOODVCORE
PWMC0A
PWMC1A
OVP_SET
VOUT2A
VOUT2A
CIRCUIT
BREAKER
TRIP
INTVCCA
VOUT1B
ON/OFFB
VDD25B
VDD33B
INTVCCB
PGOODS1B
VOUT2B
VOUT2B
VOUT2B
PGOODVCORE
PGOODS1B
PGOODS2A
PGOODS2A
PGOODVCORE
PWM C0B
PWMC1B
OVP_SET
CIRCUIT
BREAKER
TRIP
VOSNS+
VOSNS+
VOSNS+
VOSNS+
VOSNS–
VDD25B
VOSNS–
VOSNS–
VOSNS–
VDD25A
SYNC
SYNC
SHARE
CLK
SHARECLK
SCL
SCL
SDA
SDA
ALERT
ALERT
VDD33A
INTVCCB
2.2µF
MAIN BULK
10µF
4.7µF
10k
10k
10k
10k
10k
1%
32.4
4.7µF
10k
10k
19.6k
7.5k
100µF
×3
470µF
60.4k
4.7µF
1µF
1µF
10k
10k
10k
RSENSE1
10m
VIN 40V – 58V
VIN 40V – 58V
100k
12.1k
100k
6.04k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
220µF
×2
4V
1%
3.24k
1%
32.4k
+5V BIAS 50mA
1%
14.3k
2.2µF
100V
×2
MAIN BULK
10µF
4.7µF
10k
1%
22.6k
4.7µF
10k
220µF
60.4k
4.7µF
1µF
1µF
RSENSE2
10m
10µF
×8
50V
100k
12.1k
100k
6.04k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
+5V BIAS 50mA
4664A F50
1%
1.65k
1.65k
10k
10k
2200pF
220pF
4700pF
100pF
4:1 VOLTAGE DIVIDER
LOAD
DUAL 30A PSM SECTION
×2
100V
1%
1%
1%
1%
1%
1%
100V
×4
25V
4:1 VOLTAGE DIVIDER
TWO PHASE PSM 60A SECTION
ALL CHANNELS HAVE
VOUT RANGE = LOW
ILIM RANGE = LOW
1.2V GM = 3.69ms
CHANNEL RCOMP = 4k
0.9V CHANNELS
GM = 3.69ms
RCOMP = 3.4k
1%
1%
1%
1%
1%
1%
100V
×4
25V
×2
4V
1%
1.65k
COMPH
COMPL
COMPH
COMPL
1%
14.3k
LOAD
0.9V/90A
VOSNS+ _C0
VOSNS– _C0
FAULT_C0
FAULT_C1
VDD33
VDD25
SYNC
INTVCC
VOUTC0
SCL
SDA
RUN_C0
RUN_C1
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOSNS+_C1
VOUTC1
ALERT
SHARE_CLK
GND
VOSNS–
EXTVCC
_C1
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
SGNDS1
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664
(A)
VOSNS+ _C0
VOSNS– _C0
FAULT_C0
FAULT_C1
VDD33
VDD25
SYNC
INTVCC
VOUTC0
SCL
SDA
RUN_C0
RUN_C1
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOSNS+_C1
VOUTC1
ALERT
SHARE_CLK
GND
VOSNS–
EXTVCC
_C1
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
SGNDS1
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664A
(B)
PINS NOT SHOWN:
GL_C0
GL_C1
PHFLT_C0
PINS NOT SHOWN:
GL_C0
GL_C1
PHFLT_C0
PHFLT_C1
FAULT
FAULT
+
VOUT2B
19.6k
7.5k
10µF
×8
50V
10µF
×2
50V
220µF
×2
4V
470µF
×4
4V
1%
14.3k
10µF
×8
50V
10µF
×8
50V
10µF
×2
50V
1%
14.3k
1%
14.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com