Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 51 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 51 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 47Page - Analog Devices LTC2977 Datasheet HTML 48Page - Analog Devices LTC2977 Datasheet HTML 49Page - Analog Devices LTC2977 Datasheet HTML 50Page - Analog Devices LTC2977 Datasheet HTML 51Page - Analog Devices LTC2977 Datasheet HTML 52Page - Analog Devices LTC2977 Datasheet HTML 53Page - Analog Devices LTC2977 Datasheet HTML 54Page - Analog Devices LTC2977 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 138 page
background image
LTM4664A
51
Rev. 0
For more information www.analog.com
temperature faults cannot be ignored. Internal tempera-
ture limits cannot be adjusted by the user. See Table 14.
External Overtemperature and Undertemperature
Fault Response
Two internal temperature sensors are used to sense the
temperature of critical circuit elements like inductors
and power MOSFETs on each channel. The OT_FAULT_
RESPONSE and UT_FAULT_ RESPONSE commands are
used to determine the appropriate response to an overtem-
perature and under temperature condition, respectively. If
no external sense elements are used (not recommended)
set the UT_FAULT_ RESPONSE to ignore—and set the
UT_FAULT_LIMIT to 275°C. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY. See Table 16.
RESPONSES TO INPUT OVERCURRENT AND OUTPUT
UNDERCURRENT FAULTS
Input overcurrent and output undercurrent are measured
with the ADC. The fault responses are:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY. See Table 15.
RESPONSES TO EXTERNAL FAULTS
When either FAULT_Cn pin is pulled low, the OTHER bit is
set in the STATUS_WORD command, the appropriate bit
is set in the STATUS_MFR_SPECIFIC command, and the
ALERT pin is pulled low. Responses are not deglitched.
Each channel can be configured to ignore or shut down
then retry in response to its FAULT_Cn pin going low by
modifying the MFR_FAULT_RESPONSE command. To
avoid the ALERT pin asserting low when FAULT_Cn is
pulled low, assert bit 1 of MFR_CHAN_CONFIG, or mask
the ALERT using the SMBALERT_MASK command.
FAULT LOGGING
The LTM4664A PSM has fault logging capability. Data is
logged into memory in the order shown in Table 19. The data
is stored in a continuously updated buffer in RAM. When a
fault event occurs, the fault log buffer is copied from the RAM
buffer into NVM. Fault logging is allowed at temperatures
above 85°C; however, retention of 10 years is not guaranteed.
When the die temperature exceeds 130°C the fault logging is
delayed until the die temperature drops below 125°C. The fault
log data remains in NVM until a MFR_FAULT _LOG_CLEAR
command is issued. Issuing this command re-enables the
fault log feature. Before re-enabling fault log, be sure no faults
are present and a CLEAR_FAULTScommand has been issued.
When the LTM4664A PSM powers-up or exits its reset
state, it checks the NVM for a valid fault log. If a valid fault
log exists in NVM, the “Valid Fault Log” bit in the STATUS_
MFR_SPECIFIC command will be set and an ALERT event
will be generated. Also, fault logging will be blocked until
the LTM4664A PSM has received a MFR_FAULT_LOG_
CLEAR command before fault logging will be re-enabled.
The information is stored in EEPROM in the event of
any fault that disables the controller on either channel. A
FAULT_Cn being externally pulled low will not trigger a
fault logging event.
BUS TIMEOUT PROTECTION
The LTM4664A PSM implements a timeout feature to avoid
persistent faults on the serial interface. The data packet timer
begins at the first START event before the device address
write byte. Data packet information must be completed within
30ms or the LTM4664A PSM will three-state the bus and
ignore the given data packet. If more time is required, assert
bit 3 of MFR_CONFIG_ALL to allow typical bus timeouts of
255ms. Data packet information includes the device address
byte write, command byte, repeat start event (if a read oper-
ation), device address byte read (if a read operation), all data
bytes and the PEC byte if applicable.
The LTM4664A PSM allows longer PMBus timeouts for
block read data packets. This timeout is proportional to
the length of the block read. The additional block read
timeout applies primarily to the MFR_FAULT_LOG com-
mand. The timeout period defaults to 32ms.
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com