Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 73 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 73 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 69Page - Analog Devices LTC2977 Datasheet HTML 70Page - Analog Devices LTC2977 Datasheet HTML 71Page - Analog Devices LTC2977 Datasheet HTML 72Page - Analog Devices LTC2977 Datasheet HTML 73Page - Analog Devices LTC2977 Datasheet HTML 74Page - Analog Devices LTC2977 Datasheet HTML 75Page - Analog Devices LTC2977 Datasheet HTML 76Page - Analog Devices LTC2977 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
LTM4664A
73
Rev. 0
For more information www.analog.com
Because of the adapter’s limited current sourcing capa-
bility, only the LTM4664As, PSM their associated pull-up
resistors and the I2C pull-up resistors should be powered
from the ORed 3.3V supply. In addition any device sharing
the I2C bus connections with the LTM4664A PSM should
not have body diodes between the SDA/SCL pins and their
respective VDD node because this will interfere with bus
communication in the absence of system power. If VINS3
is applied, the DC1613A will not supply the power to the
LTM4664As PSM on the board. It is recommended the
RUN_Cn pins be held low or no voltage configuration
resistors inserted to avoid providing power to the load
until the part is fully configured.
The LTM4664A PSM is fully isolated from the host PC’s
ground by the DC1613A.The 3.3V from the adapter
and the LTM4664A VDD33 pin must be driven to each
LTM4664A with a separate PFET. If both VINS3 and EXTVCC
are not applied, the VDD33 pins can be in parallel because
the on-chip LDO is off. The controller 3.3V current limit
is 100mA but typical VDD33 currents are under 15mA. The
VDD33 does back drive the INTVCC/EXTVCC pin. Normally
this is not an issue if VIN is open.
LTpowerPlay: AN INTERACTIVE GUI FOR DIGITAL
POWER
LTpowerPlay (Figure 35) is a powerful Windows-based
development environment that supports Analog Devices
digital power system management ICs including the
LTM4664A PSM section. The software supports a variety
of different tasks. LTpowerPlay can be used to evaluate
Analog Devices ICs by connecting to a demo board or
the user application. LTpowerPlay can also be used in
an off-line mode (with no hardware present) in order to
build multiple IC configuration files that can be saved and
reloaded at a later time. LTpowerPlay provides unprec-
edented diagnostic and debug features. It becomes a
valuable diagnostic tool during board bring-up to pro-
gram or tweak the power system or to diagnose power
issues when bring up rails. LTpowerPlay utilizes Analog
Devices’ USB-to-I2C/SMBus/PMBus adapter to commu-
nication with one of the many potential targets includ-
ing the DC2165A demo board, the DC2298A socketed
programming board, or a customer target system. The
software also provides an automatic update feature to
keep the revisions current with the latest set of device
drivers and documentation.
A great deal of context sensitive help is available with
LTpowerPlay along with several tutorial demos. Complete
information is available at:
LTpowerPlay
PMBus COMMUNICATION AND COMMAND
PROCESSING
The LTM4664A PSM has a one deep buffer to hold the
last data written for each supported command prior to
processing as shown in Figure 36, Write Command Data
Processing. When the part receives a new command from
the bus, it copies the data into the Write Command Data
Buffer, indicates to the internal processor that this com-
mand data needs to be fetched, and converts the com-
mand to its internal format so that it can be executed.
Two distinct parallel blocks manage command buffering
and command processing (fetch, convert, and execute) to
ensure the last data written to any command is never lost.
Command data buffering handles incoming PMBus writes
by storing the command data to the Write Command Data
Buffer and marking these commands for future process-
ing. The internal processor runs in parallel and handles
the sometimes slower task of fetching, converting and
executing commands marked for processing. Some com-
putationally intensive commands (e.g., timing parame-
ters, temperatures, voltages and currents) have internal
processor execution times that may be long relative to
PMBus timing. If the part is busy processing a command,
and new command(s) arrive, execution may be delayed or
processed in a different order than received. The part indi-
cates when internal calculations are in process via bit 5 of
MFR_COMMON (“calculations not pending”). When the
part is busy calculating, bit 5 is cleared. When this bit is
set, the part is ready for another command. An example
polling loop is provided in Figure 37 which ensures that
commands are processed in order while simplifying error
handling routines.
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com