Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 33Page - Analog Devices LTC2977 Datasheet HTML 34Page - Analog Devices LTC2977 Datasheet HTML 35Page - Analog Devices LTC2977 Datasheet HTML 36Page - Analog Devices LTC2977 Datasheet HTML 37Page - Analog Devices LTC2977 Datasheet HTML 38Page - Analog Devices LTC2977 Datasheet HTML 39Page - Analog Devices LTC2977 Datasheet HTML 40Page - Analog Devices LTC2977 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 138 page
background image
LTM4664A
37
Rev. 0
For more information www.analog.com
the factory for details on efficient in-system EEPROM pro-
gramming, including bulk EEPROM Programming, which
the LTM4664A PSM also supports.
The LTM4664A PSM contains dual integrated constant fre-
quency current mode control buck regulators (channel 0
and channel 1) whose built-in power MOSFETs are capable
of fast switching speed. The factory NVM-default switching
frequency clocks SYNC at 350kHz, to which the regulators
synchronize their switching frequency. The default phase-in-
terleaving angle between the channels is 180°. A pin-strap-
ping resistor on FSWPH_CFG configures the frequency of
the SYNC clock (switching frequency) and the channel phase
relationship of the channels to each other and with respect
to the falling edge of the SYNC signal. (Most possible com-
binations of switching frequency and phase-angle assign-
ments are settable by resistor pin programming; see Table 3.
Configure the LTM4664A’s PSM NVM to implement settings
not available by resistor-pin strapping.) When a FSWPH_CFG
pin-strap resistor sets the channel phase relationship of the
LTM4664A’s PSM channels, the SYNC clock is not driven by
the module; instead, SYNC becomes strictly a high imped-
ance input and channel switching frequency is then synchro-
nized to SYNC provided by an externally-generated clock or
sibling LTM4664A with pull-up resistor to VDD33. Switching
frequency and phase relationship can be altered via the I2C
interface, but only when switching action is off, i.e., when the
module is not regulating either output. See the Dual 25A/30A
PSM Applications Information section for details.
Programmable analog feedback loop compensation for
channel 0 and channel 1 is accomplished with a capacitor
connection from COMP_C0a, 1a to SGND, and a capac-
itor from COMP_C0b, 1b to SGND.) The COMP_C0b, 1b
pin is for the high frequency gain roll off and is the gm
amplifier output that has a programmable range, and the
COMP_C0a, 1a pin has the programmable resistor range
along with a capacitor to SGND that sets the frequency
compensation. See Programmable Loop Compensation
section. The LTM4664A dual 25A/30A regulators module
have sufficient stability margins and good transient per-
formance with a wide range of output capacitors—even
all-ceramic MLCCs. Table 12 provides guidance on input
and output capacitors recommended for many common
operating conditions along with the programmable com-
pensation settings. The Analog Devices LTpowerCAD tool
is available for transient and stability analysis, and experi-
enced users who prefer to adjust the module’s feedback
loop compensation parameters can use this tool.
POWER-UP AND INITIALIZATION
The LTM4664A dual 25A/30A regulators are designed
to provide standalone supply sequencing and controlled
turn-on and turn-off operation. It operates from a single
input supply (4.5V to 16V) while three on-chip linear reg-
ulators generate internal 2.5V, 3.3V and 5.5V. The con-
troller configuration is initialized by an internal threshold
based UVLO where VIN must be approximately 4V and
the 5.5V, 3.3V and 2.5V linear regulators must be within
approximately 20% of the regulated values. In addition
to the power supply, a PMBus RESTORE_USER_ALL or
MFR_RESET command can initialize the part too.
The EXTVCC pin is driven by an external regulator to
improve efficiency of the circuit and minimize power loss
when VINS3 is high. The EXTVCC pin must exceed approx-
imately 4.7V, and VINS3 must exceed approximately 7V
before the INTVCC LDO operates from the EXTVCC pin.
To minimize application power, the EXTVCC pin can be
supplied by a switching regulator.
During initialization, the external configuration resistors
are identified and/or contents of the NVM are read into the
controller’s commands and the power train is held off. The
RUN_Cn and FAULT_Cn and PGOOD_Cn are held low. The
LTM4664A dual 25A/30A regulators will use the contents
of Table 1 thru Table 5 to determine the resistor defined
parameters. See the Resistor Configuration section for more
details. The resistor configuration pins only control some
of the preset values of the controller. The remaining values
are programmed in NVM either at the factory or by the user.
If the configuration resistors are not inserted or if the ignore
RCONFIG bit is asserted (bit 6 of the MFR_CONFIG_ALL
configuration command), the LTM4664A PSM will use
only the contents of NVM to determine the DC/DC char-
acteristics. The ASEL value read at power-up or reset is
always respected unless the pin is open. The ASEL will set
the bottom 4LSBs and the MSBs are set by NVM. See the
Dual 25A/30A PSM Applications Information section for
more details.
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com