Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 83 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 83 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 79Page - Analog Devices LTC2977 Datasheet HTML 80Page - Analog Devices LTC2977 Datasheet HTML 81Page - Analog Devices LTC2977 Datasheet HTML 82Page - Analog Devices LTC2977 Datasheet HTML 83Page - Analog Devices LTC2977 Datasheet HTML 84Page - Analog Devices LTC2977 Datasheet HTML 85Page - Analog Devices LTC2977 Datasheet HTML 86Page - Analog Devices LTC2977 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 138 page
background image
LTM4664A
83
Rev. 0
For more information www.analog.com
LAYOUT CHECKLIST/EXAMPLE
The high integration of LTM4664A makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
n
Use large PCB copper areas for high current paths,
including VINn, GND and VOUTSn. It helps to minimize
the PCB conduction loss and thermal stress.
n
Place high frequency ceramic input and output capaci-
tors next to the VINSn, GND and VOUTn pins to minimize
high frequency noise.
n
Place a dedicated power ground layer underneath the
module.
n
To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
n
Do not put vias directly on pads, unless they are capped
or plated over.
n
Use a separate SGND copper plane for components
connected to signal pins. Connect SGND to GND local
to the LTM4664A.
n
Use Kelvin sense connections across the input RSENSE
resistor if input current monitoring is used.
n
For parallel modules, tie the VOUTCn, ,VOSNS+_Cn/
VOSNS–_Cn voltage-sense differential pair lines, RUN_n,
COMP_Cna, COMP_nb pin together. The user must
share the SYNC, SHARE_CLK, FAULT, and ALERT pins
of these parts. Be sure to use pull-up resistors on
FAULT, SHARE_CLK and ALERT.
n
Bring out test points on the signal pins for monitoring.
Figure 45 gives a good example of the recommended lay-
out. Reference DC2672A demo manual.
Figure 45. Recommended PCB Layout Package Top and Bottom View
DUAL 25A/30A PSM APPLICATIONS INFORMATION
LTM4664A 16 ×16 × 8mm
TOP 4 (1206) FLYING CAPS
2ND STAGE
TOP LAYER
OUTPUT CAPS
INPUT CAP TO
60A CORE (1206)
BOTTOM LAYER
BOTTOM 4 (1210) FLYING CAPS
1ST STAGE
BOTTOM 3 (1206) FLYING CAPS
2ND STAGE
1ST STAGE INPUT CAP (1210)
2ND STAGE INPUT CAP (1206)
4664A F48
TOP 3 (1210) FLYING CAPS 1ST STAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com