Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 88 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 88 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 84Page - Analog Devices LTC2977 Datasheet HTML 85Page - Analog Devices LTC2977 Datasheet HTML 86Page - Analog Devices LTC2977 Datasheet HTML 87Page - Analog Devices LTC2977 Datasheet HTML 88Page - Analog Devices LTC2977 Datasheet HTML 89Page - Analog Devices LTC2977 Datasheet HTML 90Page - Analog Devices LTC2977 Datasheet HTML 91Page - Analog Devices LTC2977 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
LTM4664A
88
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 49. 30V – 58V to 1V and 1.2V at 15A, with Additional 30W from VOUT2. Integrated Power System Management Features
Accessible Over 2-Wire I2C/SMBus/PMBus Serial Interface. For Evaluation and More Information, See Demo Boards DC2143
VOUT1
ON/OFF
VDD25
VDD33
VDD33
INTVCC
1V/15A
PGOODS1
VOUT2
VIN/4
VOUT2
VOUT2
PGOODVCORE
PGOODS1
PGOODS2
PGOODS2
PWMC0
PWMC1
OVP_SET
VOUT2
CIRCUIT
BREAKER
TRIP
INTVCC
1.2V/15A
INTVCC
PGOODS2
2.2µF
MAIN BULK
10µF
4.7µF
10k
10k
2200pF
100pF
1%
22.6k
4.7µF
10k
10k
19.6k
7.5k
100µF
×6
470µF
60.4k
4.7µF
56µF
35V
1µF
1µF
10k
10k
10k
RSENSE
VIN 30V TO 58V
10m
100k
20k
100k
10k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
100µF
1%
2.43k
1%
22.6k
1%
14.3k
2200pF
100pF
10k
1%
32.4k
10k
+5V 50mA
4:1 VOLTAGE DIVIDER
TWO PHASE PSM SECTION
×2
100V
1%
1%
1%
1%
1%
1%
100V
25V
×4
×6
INPUT
OUTPUT
ENABLE
OTHER DC/DC REGS
NO LOAD UNTIL
ENABLED
ADDITIONAL 30W FROM VOUT2
4664A F49
VOSNS+ _C0
VOSNS– _C0
FAULT_C0
FAULT_C1
VDD33
VDD25
SYNC
INTVCC
VOUTC0
SCL
SDA
RUN_C0
RUN_C1
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOSNS+_C1
VOUTC1
VDD25
ALERT
SHARE_CLK
GND
VOSNS–_C1
EXTVCC
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
GND
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664A
PINS NOT SHOWN:
GL_C0
GL_C1
PHFLT_C0
PHFLT_C1
FAULT
+
470µF
+
CHANNEL 0 AND 1
EA-GM = 3.69ms
RCOMP = 5k
CHANNEL 0 AND 1 VOUT RANGE = LOW
ILIM RANGE = LOW
10k
10µF
×8
50V
10µF
×2
50V
10µF
×8
50V
1%
14.3k
1%
14.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com