Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 78 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 78 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 74Page - Analog Devices LTC2977 Datasheet HTML 75Page - Analog Devices LTC2977 Datasheet HTML 76Page - Analog Devices LTC2977 Datasheet HTML 77Page - Analog Devices LTC2977 Datasheet HTML 78Page - Analog Devices LTC2977 Datasheet HTML 79Page - Analog Devices LTC2977 Datasheet HTML 80Page - Analog Devices LTC2977 Datasheet HTML 81Page - Analog Devices LTC2977 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
LTM4664A
78
Rev. 0
For more information www.analog.com
thermal resistances in Table 10 and Table 11 are for the
various conditions can be multiplied by the calculated
power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss
can be derived from the efficiency curves in the Typical
Performance Characteristics section and adjusted with the
above ambient temperature multiplicative factors.
Thermal performance expectations at up to 60A output (at
up to 1.2VOUT) can be suitably approximated by studying
this section's figures at analogous nearby output power
conditions. For example: 1.2VOUT at 60A is 72W output.
For thermal purposes, this operating point can be approx-
imated by 1.5VOUT at 48A output (observe: also 72W out-
put). The 1.5VOUT curves shown in this section can thus
be utilized to infer thermal performance at currents higher
than 25A, per channel (for output voltages up to 1.2VOUT).
TABLE 10 AND TABLE 11: OUTPUT CURRENT DERATING (BASED ON DEMO BOARD)
Table 10. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 41, 42
48, 54
Figure 39, 40
0
None
5.3
Figure 41, 42
48, 54
Figure 39, 40
200
None
4.5
Figure 41, 42
48, 54
Figure 39, 40
400
None
4.0
Table 11. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 43, 44
48, 54
Figure 39, 40
0
None
5.3
Figure 43, 44
48, 54
Figure 39, 40
200
None
4.5
Figure 43, 44
48, 54
Figure 39, 40
400
None
4.0
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com