Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 54 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 54 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 50Page - Analog Devices LTC2977 Datasheet HTML 51Page - Analog Devices LTC2977 Datasheet HTML 52Page - Analog Devices LTC2977 Datasheet HTML 53Page - Analog Devices LTC2977 Datasheet HTML 54Page - Analog Devices LTC2977 Datasheet HTML 55Page - Analog Devices LTC2977 Datasheet HTML 56Page - Analog Devices LTC2977 Datasheet HTML 57Page - Analog Devices LTC2977 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 138 page
background image
LTM4664A
54
Rev. 0
For more information www.analog.com
Figure 11. PMBus Packet Protocol Diagram Element Key
4664A F11
S
START CONDITION
Sr
REPEATED START CONDITION
Rd
READ (BIT VALUE OF 1)
Wr
WRITE (BIT VALUE OF 0)
A
ACKNOWLEDGE (THIS BIT POSITION MAY BE 0
FOR AN ACK OR 1 FOR A NACK)
P
STOP CONDITION
PEC PACKET ERROR CODE
MASTER TO SLAVE
SLAVE TO MASTER
CONTINUATION OF PROTOCOL
...
SLAVE ADDRESS Rd/Wr A P
4664A F12
S
7
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
Wr A
A P
4664A F13
S
7
8
1 1
1 1
1
SLAVE ADDRESS
COMMAND CODE
PEC
Wr A
A
A P
4664A F14
S
7
8
8
1 1
1
1 1
1
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
S
7
8
8
1 1
1
1 1
1
4664A F15
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
4664A F16
S
7
8
8
1
PEC
8
1 1
1
1 1
1
A
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
4664A F17
S
7
8
8
1
DATA BYTE
8
1 1
1
1 1
1
A
SLAVE ADDRESS
COMMAND CODE
DATA BYTE
Wr A
A
A P
4664A F18
S
7
8
8
1
DATA BYTE
8
PEC
8
1
1 1
1
1 1
1
A
A
FIGURE 11 THRU FIGURE 28 PMBus PROTOCOLS
Figure 12. Quick Command Protocol
Figure 13. Send Byte Protocol
Figure 14. Send Byte Protocol with PEC
Figure 15. Write Byte Protocol
Figure 16. Write Byte Protocol with PEC
Figure 17. Write Word Protocol
Figure 18. Write Word Protocol with PEC
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com