Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 61 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 61 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 57Page - Analog Devices LTC2977 Datasheet HTML 58Page - Analog Devices LTC2977 Datasheet HTML 59Page - Analog Devices LTC2977 Datasheet HTML 60Page - Analog Devices LTC2977 Datasheet HTML 61Page - Analog Devices LTC2977 Datasheet HTML 62Page - Analog Devices LTC2977 Datasheet HTML 63Page - Analog Devices LTC2977 Datasheet HTML 64Page - Analog Devices LTC2977 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
LTM4664A
61
Rev. 0
For more information www.analog.com
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
MFR_IOUT_CAL_GAIN
0xDA The ratio of the voltage at the current
sense pins to the sensed current. For
devices using a fixed current sense
resistor. It is the resistance value in mohm.
OxAA8B set at factory
R Word
Y
L11
0.350mΩ
102
MFR_PADS
0xE5 Digital status of the I/O pads.
R Word
N
Reg
Y
NA
124
MFR_ADDRESS
0xE6 Sets the 7-bit I2C address byte.
R/W Byte
N
Reg
Y
0x4F
92
MFR_SPECIAL_ID
0xE7 Manufacturer code representing the
LTM4664A and revision
R Word
N
Reg
0x4100
118
MFR_IIN_CAL_GAIN
0xE8 The resistance value of the input current
sense element in mΩ.
R/W Word
N
L11
mΩ
Y
2.0
0xC200
104
MFR_FAULT_LOG_ STORE
0xEA Command a transfer of the fault log from
RAM to EEPROM.
Send Byte
N
NA
131
MFR_INFO
0xB6 Contact factory.
135
MFR_FAULT_LOG_ CLEAR
0xEC Initialize the EEPROM block reserved for
fault logging.
Send Byte
N
NA
135
MFR_FAULT_LOG
0xEE Fault log data bytes.
R Block
N
Reg
Y
NA
131
MFR_COMMON
0xEF Manufacturer status bits that are common
across multiple LTC chips.
R Byte
N
Reg
NA
125
MFR_COMPARE_USER_ ALL
0xF0 Compares current command contents
with NVM.
Send Byte
N
NA
130
MFR_TEMPERATURE_2_ PEAK 0xF4 Peak internal die temperature since last
MFR_ CLEAR_PEAKS.
R Word
N
L11
C
NA
129
MFR_PWM_CONFIG
0xF5 Set numerous parameters for the DC/DC
controller including phasing.
R/W Byte
N
Reg
Y
0x10
97
MFR_IOUT_CAL_GAIN_ TC
0xF6 Temperature coefficient of the current
sensing element.
R/W Word
Y
CF
ppm/
˚C
Y
3900
0x0F3C
102
MFR_RVIN
0xF7 The resistance value of the VIN pin filter
element in mΩ. Set at Factory
R Word
N
L11
mΩ
N
1000
0x03E8
99
MFR_TEMP_1_GAIN
0xF8 Sets the slope of the external temperature
sensor.
R/W Word
Y
CF
Y
0.9
0x3FAE
105
MFR_TEMP_1_OFFSET
0xF9 Sets the offset of the external temperature
sensor with respect to –273.1°C
R/W Word
Y
L11
C
Y
0.0
0x8000
105
MFR_RAIL_ADDRESS
0xFA Common address for PolyPhase outputs
to adjust common parameters.
R/W Byte
Y
Reg
Y
0x80
92
MFR_REAL_TIME
0xFB 48-bit share-clock counter value.
R Block
N
CF
NA
xx
MFR_RESET
0xFD Commanded reset without requiring a
power down.
Send Byte
N
NA
94
Note 1. Commands indicated with Y in the NVM column indicate that these commands are stored and restored using the STORE_USER_ALL and
RESTORE_USER_ALL commands, respectively.
Note 2. Commands with a default value of NA indicate “not applicable”. Commands with a default value of FS indicate “factory set on a per part basis”.
Note 3. The LTM4664A contains additional commands not listed in Table 7. Reading these commands is harmless to the operation of the IC; however, the
contents and meaning of these commands can change without notice.
Note 4. Some of the unpublished commands are read-only and will generate a CML bit 6 fault if written.
Note 5. Writing to commands not published in Table 7 is not permitted.
Note 6. The user should not assume compatibility of commands between different parts based upon command names. Always refer to the manufacturer’s
data sheet for each part for a complete definition of a command’s function. LTC strives to keep command functionality compatible between all LTC
devices. Differences may occur to address specific product requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com