Electronic Components Datasheet Search
  English  ▼

X  

LTC2977 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2977
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2977 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2977 Datasheet HTML 20Page - Analog Devices LTC2977 Datasheet HTML 21Page - Analog Devices LTC2977 Datasheet HTML 22Page - Analog Devices LTC2977 Datasheet HTML 23Page - Analog Devices LTC2977 Datasheet HTML 24Page - Analog Devices LTC2977 Datasheet HTML 25Page - Analog Devices LTC2977 Datasheet HTML 26Page - Analog Devices LTC2977 Datasheet HTML 27Page - Analog Devices LTC2977 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 138 page
background image
LTM4664A
24
Rev. 0
For more information www.analog.com
VOSNS–_C1 (N6): Channel 1 Negative Differential. Voltage
Sense Input. See VOSNS+_C1.
VOSNS+_C1 (P6): Channel 1 Positive Differential Voltage
Sense Input. Together, VOSNS+_C1 and VOSNS–_C1 serve
to kelvin sense the VOUTC1 output voltage at VOUTC1’s point
of load (POL) and provide the differential feedback signal
directly to Channel 1’s feedback loop. Command VOUTC1’s
target regulation voltage by serial bus. Its initial command
value at VINS3 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUTC1_
CFG and the 4:1 Divider Application Information section.
IN– (P10): Negative Current Sense Amplifier Input. If
the input current sense amplifier is not used, this pin
must be shorted to the IN+ and VIN3 pins. See 4:1 Divider
Application Information section for detail about the input
current sensing.
COMP_0a/COMP_1a (P11/M6): Loop Compensation
Nodes. The internal PWM loop compensation resistors
RCOMPn of the LTM4664A can be adjusted using bit
[4:0] of the MFR_PWM_COMP command. The transcon-
ductance of the LTM4664A PWM error amplifier can be
adjusted using bit [7:5] of the MFR_PWM_COMP com-
mand. These two loop compensation parameters can be
programmed when device is in operation. Refer to the
Programmable Loop Compensation subsection in the 4:1
Divider Application Information section for further details.
See MFR_PWM_COMP section.
VOSNS–_C0: (P12): Channel 0 Negative Differential Voltage
Sense Input. See VOSNS+_C0.
GL_C0, GL_C1 (P16, P5): Bottom MOSFET gate drive
in the Channel 0 power stage, Channel 1 power stage.
Utilized for debugging or monitoring purposes.
INTVCC (R7): Internal Regulator, 5.5V output. When oper-
ating the VINS3 from 7V ≤ VINS3 ≤ 16V, a LDO generates
INTVCC from VINS3_C1 to bias internal control circuits and
the MOSFET drivers of the dual 25A/30A power supply. An
external 2.2µF ceramic decoupling is required. INTVCC is
regulated regardless of the RUN_Cn pin state.
PIN FUNCTIONS
EXTVCC (R8): External Power Input to an Internal Switch
Connected to INTVCC. This switch closes and supplies
the IC power, bypassing the internal regulator whenever
EXTVCC is higher than 4.7V and VIN is higher than 7V.
EXTVCC also powers up VDD33 when EXTVCC is higher than
4.7V and INTVCC is lower than 3.8V. Do not exceed 6V
on this pin. Decouple this pin to PGND with a minimum
of 4.7μF low ESR tantalum or ceramic capacitor. If the
EXTVCC pin is not used to power INTVCC, the EXTVCC pin
must be tied GND. Its recommended to use this pin if a
bias is available to reduce power loss.
IN+ (R10): Positive Current Sense Amplifier Input. If the
input current sense amplifier is not used, this pin must
be shorted to the IN– and VINS3 pins. See 4:1 Divider
Application Information section for detail about the input
current sensing.
PGOOD_C0/PGOOD_C1 (R11/N5): Power Good Indicator
Outputs. Open-drain logic output that is pulled to ground
when the output exceeds the UV and OV regulation win-
dow. The output is deglitched by an internal 100μs filter.
A pull-up resistor to 3.3V is required in the application.
VOSNS+_C0: (R12) Channel 0 Positive Differential Voltage
Sense Input. Together, VOSNS+_C0 and VOSNS–_C0 serve to
kelvin-sense the VOUTC0 output voltage at VOUTC0’s point
of load (POL) and provide the differential feedback signal
directly to Channel 0’s feedback loop. Command VOUTC0’s
target regulation voltage by serial bus. Its initial command
value at VINS3 power-up is dictated by NVM (non-volatile
memory) contents (factory default: 1.000V)—or, option-
ally, may be set by configuration resistors; see VOUTC0_
CFG and the 4:1 Divider Application Information section.
SWC0, SWC1 (T10-T13), (T4-T7): Switching Node of
Channel 0 and Channel 1. Used for test purposes or
EMI snubbing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com