Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 10Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 11Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 13Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
12
Figure 7: Data/Clock Channel, 1:1 Transmit Mode
Figure 8: Data/Clock Channel, 4:1 Transmit Mode
Figure 9: Data/Clock Channel, 7:1 Transmit Mode
Figure 10: Data/Clock Channel, 8:1 Transmit Mode
Figure 11: Data/Clock Channel,10:1 Transmit Mode
Figure 12: Data/Clock Channel, 1:1 Receive Mode
Supply Current at VccTx = 2.5 V
Clock Frequency(MHz)
0
9
10
11
12
13
0
100
200
300 400
500
600 700
Rt=100ohm
Rt= 27ohm
Supply Current at VccTx = 2.5 V
Clock Frequency(MHz)
10
15
20
20
40
60
80
100
120 140
160
Rt=100ohm
Rt= 27ohm
Supply Current at VccTx = 2.5V
Clock Frequency(MHz)
10
10
30
50
70
90
Rt=100ohm
Rt= 27ohm
15
20
25
Supply Current at VccTx = 2.5 V
10
20
40
60
15
20
25
Rt=100ohm
Rt= 27ohm
Clock Frequency(MHz)
Supply Current at VCCRX = 3.3 V VCC = 2.5 V
Clock Frequency (MHz)
2
0
100
200
300 400
500
600 700
4
6
8
10
12
14
16
18
20
Supply Current at VccTx = 2.5 V
Clock Frequency(MHz)
10
10
30
50
70
Rt=100ohm
Rt= 27ohm
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com