Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 32Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 33Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 34Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 35Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 36Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 37Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
36
Figure 45: SERDES Logic Cell
RAM Block Description
General Description
The QuickSD device includes multiple dual-port 2,304-bit RAM modules for implementing
RAM and FIFO functions. Each module is user-configurable into four different block
organizations. Modules can also be cascaded horizontally to increase their effective width or
vertically to increase their effective depth as shown in the following figure. The RAM can also
be configured as a modified Harvard Architecture, similar to those found in DSPs.
Figure 46: SERDES 2,304-bit RAM Module
QS
A1
A2
A3
A4
A5
A6
OS
OP
B1
B2
C1
C2
MP
MS
D1
D2
E1
E2
NP
NS
F1
F2
F3
F4
F5
F6
PS
PP
QC
QR
AZ
OZ
QZ
NZ
Q2Z
FZ
MODE [1:0]
WA [9:0]
WD [17:0]
WE
WCLK
RCLK
ASYNCRD
RA [9:0]
RD [17:0]
RE
2,304-bit Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com