Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 34Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 35Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 36Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 37Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
38
ECU Block Description
ECU Block General Description
Traditional Programmable Logic architectures do not implement arithmetic functions
efficiently or effectively. These functions require high logic cell usage while garnering only
moderate performance results. By embedding a dynamically reconfigurable computational
unit, the QuickSD device can address various arithmetic functions efficiently and effectively
providing for a robust DSP platform—this approach offers greater performance than
traditional programmable logic implementations. The ECU block is ideal for complex DSP,
filtering, and algorithmic functions. The QuickSD device architecture will allow functionality
above and beyond that achievable using DSP processors or programmable logic devices. The
embedded block is implemented at the transistor level with the following block diagram.
Figure 48: SERDES ECU Block Diagram
ECU Mode Select
The ECU block can be configured for eight arithmetic functions via an instruction as shown
in Table 31. The modes for the ECU block are Dynamically Re-programmable through the
Instruction Set Sequencer.
Table 31: Instruction Set Sequencer
Instruction Set
Operation
0
0
0
Multiply
0
0
1
Multiply - Add
0
1
0
Accumulate
0
1
1
Add
1
0
0
Multiply (registered) a
a. A[15:0] set to zero.
1
0
1
Multiply - Add (registered)
1
1
0
Multiply Accumulate
1
1
1
Add (registered)
Abus
16
Xbus
8
Ybus
8
Ibus
3
Sign
1
Rbus
17
88
16
16
Multiply
Add
Register
Sequencer
Memory
Logic Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com