Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 11Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 13Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 14Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 15Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
15
www.quicklogic.com
SERDES Switching Characteristics - Serializer/Transmitter]
Table 16: Serializer/Transmitter Switching Characteristics
CDR (10:1) Mode
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tHZD
pad_ChX_p/n High to Tri-State Delay
Figure 18
1.9
2.2
2.5
nS
tLZD
pad_ChX_p/n Low to Tri-State Delay
1.9
2.0
2.2
nS
tZHD
pad_ChX_p/n Tri-State to High Delay
1.9
2.4
3.0
nS
tZLD
pad_ChX_p/n Tri-State to Low Delay
2.0
2.3
2.8
nS
tDIS
ChX_txd[9:0] Setup to ChX_txclk
Figure 19
2.6
3.2
nS
tDIH
ChX_txd[9:0] Hold from ChX_txclk
2.1
2.7
nS
tPLD
Serializer PLL Lock Time
Figure 20
90
uS
Channel Link (8:1, 7:1, 4:1) Mode
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tHZD
pad_ChX_p/n High to Tri-State Delay
Figure 18
1.9
2.2
2.5
nS
tLZD
pad_ChX_p/n Low to Tri-State Delay
1.9
2.0
2.2
nS
tZHD
pad_ChX_p/n Tri-State to High Delay
1.9
2.4
3.0
nS
tZLD
pad_ChX_p/n Tri-State to Low Delay
2.0
2.3
2.8
nS
tDIS
ChX_txd[N-1:0] Setup to ChX_txclk
Figure 21
2.6
3.2
nS
tDIH
ChX_txd[N-1:0] Hold from ChX_txclk
2.1
2.7
nS
tSD
Serializer Delay
1.7
nS
tSCP
Serial Transmit Clock Period
T/mode
nS
tTXD[N-1]
Transmitter Output Pulse Position for
Bit [N-1]
[N-1]
x t
SCP + 1.1
[N-1]
x t
SCP + 1.5
nS
tPLD
Serializer PLL Lock Time
Figure 20
90
uS
Asynchronous Level Conversion (1:1) Mode
tHZD
pad_ChX_p/n High to Tri-State Delay
Figure 18
1.9
2.2
2.5
nS
tLZD
pad_ChX_p/n Low to Tri-State Delay
1.9
2.0
2.2
nS
tZHD
pad_ChX_p/n Tri-State to High Delay
1.9
2.4
3.0
nS
tZLD
pad_ChX_p/n Tri-State to Low Delay
2.0
2.3
2.8
nS
tASD
Asynchronous Serializer Delay -
Data Channel
Figure 22
1.8
nS
tASC
Asynchronous Serializer Delay -
Channel Clock
1.7
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com