Electronic Components Datasheet Search
  English  ▼

X  

QL82SD Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 49Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 50Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 51Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 52Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 53Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 54Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 55Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
52
280 FPBGA Pinout Table
Table 43: 280 FPBGA Pinout Table
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A1
PLLOUT(1)
C10
CLK(8)
E19
IO(B)
K16
IO(A)
R4
VCC
U13
VCCPLL
A2
IO(C)
C11
VCCIO(B)
F1
IO(D)
K17
IO(A)
R5
VCC
U14
GNDPLL
A3
IO(C)
C12
IO(B)
F2
IO(D)
K18
INREF(A)
R6
VCC
U15
VCCPLL
A4
IO(C)
C13
IO(B)
F3
IO(D)
K19
IOCTRL(A)
R7
VCC
U16
GNDPLL
A5
INREF(C)
C14
IO(B)
F4
IO(D)
L1
IO(D)
R8
VCC
U17
VCCPLL
A6
IOCTRL(C)
C15
VCCIO(B)
F5
GND
L2
IO(D)
R9
VCC
U18
GNDPLL
A7
IO(C)
C16
IO(B)
F15
VCC
L3
IO(D)
R10
VCC
U19
VCCREC
A8
IO(C)
C17
VCCPLL(1)
F16
IO(A)
L4
IO(D)
R11
VCC
V1
VCCREC
A9
IO(C)
C18
GNDPLL(1)
F17
IO(A)
L5
VCC
R12
VCC
V2
VCCREC
A10
CLK(7)
C19
PLLOUT(0)
F18
IO(A)
L15
GND
R13
VCC
V3
VCCREC
A11
IO(B)
D1
IO(C)
F19
IO(B)
L16
IO(A)
R14
VCC
V4
VCCREC
A12
IO(B)
D2
IO(C)
G1
IO(D)
L17
IO(A)
R15
VCC
V5
VCCREC
A13
IOCTRL(B)
D3
VCCPLL(0)
G2
IO(D)
L18
IO(A)
R16
CLK(2)
V6
VCCREC
A14
IOCTRL(B)
D4
IO(C)
G3
IO(D)
L19
IO(A)
R17
TRSTB
V7
VCCREC
A15
IO(B)
D5
IO(C)
G4
IO(D)
M1
IO(D)
R18
IO(A)
V8
VCCREC
A16
IO(B)
D6
IO(C)
G5
VCC
M2
IO(D)
R19
IO(A)
V9
VCCREC
A17
IO(B)
D7
IO(C)
G15
VCC
M3
VCCIO(D)
T1
IO(D)
V10
VCCREC
A18
IO(B)
D8
IO(C)
G16
IO(A)
M4
IO(D)
T2
GND
V11
VCCREC
A19
IO(B)
D9
IO(C)
G17
IO(A)
M5
VCC
T3
GND
V12
VCCREC
B1
PLLRST(0)
D10
IO(C)
G18
IO(A)
M15
VCC
T4
GND
V13
VCCREC
B2
IO(C)
D11
CLK(6)
G19
IO(A)
M16
IO(A)
T5
GND
V14
VCCREC
B3
IO(C)
D12
IO(B)
H1
IO(D)
M17
VCCIO(A)
T6
GND
V15
VCCREC
B4
IO(C)
D13
IO(B)
H2
IO(D)
M18
IO(A)
T7
GND
V16
VCCREC
B5
IOCTRL(C)
D14
IO(B)
H3
IO(D)
M19
IO(A)
T8
GND
V17
VCCREC
B6
IO(C)
D15
IO(B)
H4
IO(D)
N1
IO(D)
T9
GND
V18
VCCREC
B7
IO(C)
D16
IO(B)
H5
VCC
N2
CLK(0)
T10
GND
V19
Ch7P
B8
IO(C)
D17
IO(B)
H15
VCC
N3
IO(D)
T11
GND
W1
Ch0N
B9
TMS
D18
IO(B)
H16
IO(A)
N4
IO(D)
T12
GND
W2
Ch0P
B10
CLK(5)
D19
IO(B)
H17
IO(A)
N5
VCC
T13
GND
W3
Ch1N
B11
IO(B)
E1
IO(C)
H18
IO(A)
N15
VCC
T14
GND
W4
Ch1P
B12
IO(B)
E2
IO(C)
H19
IO(A)
N16
IO(A)
T15
GND
W5
Ch2N
B13
IO(B)
E3
VCCIO(D)
J1
IOCTRL(D)
N17
IO(A)
T16
GND
W6
Ch2P
B14
INREF(B)
E4
IO(D)
J2
INREF(D)
N18
IO(A)
T17
GND
W7
Ch3N
B15
IO(B)
E5
GND
J3
VCCIO(D)
N19
IO(A)
T18
IO(A)
W8
Ch3P
B16
IO(B)
E6
VCC
J4
IO(D)
P1
IO(D)
T19
IO(A)
W9
ClkAN
B17
IO(B)
E7
VCC
J5
GND
P2
TCK
U1
TDO
W10
ClkAP
B18
PLLRST(1)
E8
VCC
J15
VCC
P3
IO(D)
U2
VCCPLL
W11
ClkBN
B19
GND
E9
VCC
J16
IO(A)
P4
IO(D)
U3
GNDPLL
W12
ClkBP
C1
IO(C)
E10
GND
J17
VCCIO(A)
P5
VCC
U4
VCCPLL
W13
Ch4N
C2
GND
E11
GND
J18
IO(A)
P15
GND
U5
GNDPLL
W14
Ch4P
C3
GNDPLL(0)
E12
VCC
J19
IOCTRL(A)
P16
CLK(4)
DEDCLK,
PLLIN(0)
U6
VCCPLL
W15
Ch5N
C4
IO(C)
E13
VCC
K1
IO(D)
P17
CLK(3)
PLLIN(1)
U7
GNDPLL
W16
Ch5P
C5
VCCIO(C)
E14
GND
K2
IOCTRL(D)
P18
IO(A)
U8
VCCPLL
W17
Ch6N
C6
IO(C)
E15
GND
K3
IO(D)
P19
IO(A)
U9
GNDPLL
W18
Ch6P
C7
IO(C)
E16
IO(A)
K4
IO(D)
R1
IO(D)
U10
NC
W19
Ch7N
C8
IO(C)
E17
VCCIO(A)
K5
GND
R2
TDI
U11
VCCPLL
C9
VCCIO(C)
E18
IO(B)
K15
GND
R3
CLK(1)
U12
GNDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com